Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-213-R6C-A0R2S2B0E Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 19-213-R6C-A0R2S2B0E
Description  RoHS compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-213-R6C-A0R2S2B0E Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  19-213-R6C-A0R2S2B0E Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-213-R6C-A0R2S2B0E Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-213-R6C-A0R2S2B0E Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-213-R6C-A0R2S2B0E Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-213-R6C-A0R2S2B0E Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-213-R6C-A0R2S2B0E Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-213-R6C-A0R2S2B0E Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-213-R6C-A0R2S2B0E Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-213-R6C-A0R2S2B0E Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LifecyclePhase:Preliminary
LifecyclePhase:
Revision
: (2)
Expired Period: Forever
Release Date:
1
Copyright © 2010, Everlight All Rights Reserved. Release Date :September.9.2014 Issue No:DSE-0005948 Rev.2
www.everlight.com
SMD  B
19-213-R6C-A0R2S2B0E-3T-AM
Features
•RoHS compliant
•Chip LED package.
•Colorless clear resin.
•Wide viewing angle 120°
•Brightness:140 to 280 mcd at 20mA.
•Qualification according to AEC-Q101.
•Precondition: Bases on JEDEC J-STD 020 Level 3.
•Automotive reflow profile (IR reflow or wave soldering)
•Compliance with EU REACH
•Compliance Halogen Free .(Br <900 ppm ,Cl <900 ppm , Br+Cl < 1500 ppm).
Applications


Similar Part No. - 19-213-R6C-A0R2S2B0E

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-R6C-A0R2S2B0E EVERLIGHT-19-213-R6C-A0R2S2B0E_15 Datasheet
382Kb / 14P
   RoHS compliant
More results

Similar Description - 19-213-R6C-A0R2S2B0E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com