Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC597 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HC597
Description  8-bit Latch/Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC597 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC597 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC597 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC597 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC597 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC597 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC597 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC597 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC597 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC597 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC597
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
5
4
MHz
frequency
4.5
27
21
6.0
31
24
Propagation delay t
PLH
2.0
175 —
220
ns
SCK or
SLoad or SCLR to Q
H
time
t
PHL
4.5
14
35
44
6.0
30
37
2.0
210 —
265
ns
RCK to Q
H
4.5
17
42
53
6.0
36
45
Removal time
t
rem
2.0
100 —
125
ns
4.5
20
25
6.0
17
21
Setup time
t
su
2.0
100 —
125
ns
RCK to SCK
4.5
20
25
6.0
17
21
2.0
100 —
125
ns
SER to SCK
4.5
20
1
25
6.0
17
21
2.0
100 —
125
ns
Data to RCK
4.5
20
0
25
6.0
17
21
Hold time
t
h
2.0
5
5
ns
SCK to S
A
4.5
5
5
6.0
5
5
2.0
5
5
ns
LCK to Data
4.5
5
5
6.0
5
5
Pulse width
t
w
2.0
80
100
ns
4.5
16
7
20
6.0
14
17


Similar Part No. - HD74HC597

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC597 RENESAS-HD74HC597 Datasheet
117Kb / 10P
   8-bit Latch / Shift Register
HD74HC597FPEL RENESAS-HD74HC597FPEL Datasheet
117Kb / 10P
   8-bit Latch / Shift Register
HD74HC597P RENESAS-HD74HC597P Datasheet
117Kb / 10P
   8-bit Latch / Shift Register
HD74HC597RPEL RENESAS-HD74HC597RPEL Datasheet
117Kb / 10P
   8-bit Latch / Shift Register
More results

Similar Description - HD74HC597

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
   8-BIT LATCH/SHIFT REGISTER
logo
STMicroelectronics
M54HC597 STMICROELECTRONICS-M54HC597 Datasheet
280Kb / 13P
   8 BIT LATCH/SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9595FK TOSHIBA-TC74VHC9595FK Datasheet
490Kb / 9P
   8-Bit Shift Register/Latch
2018-06-22
TC74VHC595F TOSHIBA-TC74VHC595F Datasheet
311Kb / 9P
   8 BIT SHIFT REGISTER /LATCH
logo
Renesas Technology Corp
HD74HC597 RENESAS-HD74HC597 Datasheet
117Kb / 10P
   8-bit Latch / Shift Register
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com