Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39357-0011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39357-0011
Description  3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 11 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39357-0011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39357-0011 Datasheet HTML 1Page - Molex Electronics Ltd. 39357-0011 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39357-0011
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
3.50mm Pitch Beau Eurostyle™ Fixed Mount PCB Terminal Block, 11 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39357
Application
N/A
Component Type
One Piece
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Fixed Mount
Type
Euro Block
UPC
756054634219
Physical
Circuits (Loaded)
11
Circuits (maximum)
11
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.50mm
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Panel Mount
No
Pitch - Mating Interface
3.50mm
Pitch - Termination Interface
3.50mm
Polarized to Mating Part
No
Shrouded
Fully
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-30°C to +85°C
Wire Size AWG
16, 18, 20, 22, 24, 26, 28
Wire Size mm²
0.20 - 1.00
Electrical
Current - Maximum per Contact
17.5A
Voltage - Maximum
300V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
350111
Reference - Drawing Numbers
Sales Drawing
SD-39357-001
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39357Series


Similar Part No. - 39357-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39357-0011 MOLEX-39357-0011 Datasheet
820Kb / 2P
   3.50mm (.138?? Pitch 35 Series Beau짰 Eurostyle짰 Fixed Terminal Blocks
39357-0011 MOLEX5-39357-0011 Datasheet
277Kb / 3P
   3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 11 Circuits
More results

Similar Description - 39357-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0393570011 MOLEX5-0393570011 Datasheet
277Kb / 3P
   3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 11 Circuits
39357-0004 MOLEX11-39357-0004 Datasheet
38Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 4 Circuits
39357-0006 MOLEX11-39357-0006 Datasheet
38Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 6 Circuits
39357-0008 MOLEX11-39357-0008 Datasheet
39Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 8 Circuits
39357-0017 MOLEX11-39357-0017 Datasheet
39Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 17 Circuits
39357-0009 MOLEX11-39357-0009 Datasheet
39Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 9 Circuits
39357-0012 MOLEX11-39357-0012 Datasheet
38Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 12 Circuits
39357-0013 MOLEX11-39357-0013 Datasheet
38Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 13 Circuits
39357-0019 MOLEX11-39357-0019 Datasheet
39Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 19 Circuits
39357-0021 MOLEX11-39357-0021 Datasheet
39Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 21 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com