Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP90T03GI Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP90T03GI
Description  Fast Switching Performance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP90T03GI Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP90T03GI_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP90T03GI_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP90T03GI_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP90T03GI_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP90T03GI_14 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=45A
-
-
4
mΩ
VGS=4.5V, ID=30A
-
-
6
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.8
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=30A
-
55
-
S
IDSS
Drain-Source Leakage Current
VDS=30V, VGS=0V
-
-
10
uA
IGSS
Gate-Source Leakage
VGS= +20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=40A
-
60
96
nC
Qgs
Gate-Source Charge
VDS=24V
-
8.5
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
38
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
14
-
ns
tr
Rise Time
ID=30A
-
83
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
66
-
ns
tf
Fall Time
RD=0.5Ω
-
120
-
ns
Ciss
Input Capacitance
VGS=0V
-
4090 6540
pF
Coss
Output Capacitance
VDS=25V
-
1010
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
890
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=45A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
2
IS=30A, VGS=0V,
-
51
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
63
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
AP90T03GI


Similar Part No. - AP90T03GI_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP90T03GI A-POWER-AP90T03GI Datasheet
157Kb / 5P
   Fast Switching Performance, Single Drive Requirement
More results

Similar Description - AP90T03GI_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9408AGI A-POWER-AP9408AGI_14 Datasheet
158Kb / 5P
   Fast Switching Performance
AP2344GN-HF A-POWER-AP2344GN-HF_14 Datasheet
55Kb / 4P
   Fast Switching Performance
AP4813GSM-HF A-POWER-AP4813GSM-HF_16 Datasheet
56Kb / 5P
   Fast Switching Performance
AP5521GM-HF A-POWER-AP5521GM-HF_16 Datasheet
90Kb / 8P
   Fast Switching Performance
AP4513GM-HF A-POWER-AP4513GM-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP4503GM-HF A-POWER-AP4503GM-HF_16 Datasheet
96Kb / 8P
   Fast Switching Performance
AP4506GEH-HF A-POWER-AP4506GEH-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP6942GMT-HF A-POWER-AP6942GMT-HF_16 Datasheet
94Kb / 8P
   Fast Switching Performance
AP4537GYT-HF A-POWER-AP4537GYT-HF_16 Datasheet
129Kb / 8P
   Fast Switching Performance
AP9412GI-HF A-POWER-AP9412GI-HF Datasheet
67Kb / 5P
   Fast Switching Performance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com