Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE76118-T1 Datasheet(PDF) 4 Page - NEC

Part # NE76118-T1
Description  L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE76118-T1 Datasheet(HTML) 4 Page - NEC

  NE76118-T1 Datasheet HTML 1Page - NEC NE76118-T1 Datasheet HTML 2Page - NEC NE76118-T1 Datasheet HTML 3Page - NEC NE76118-T1 Datasheet HTML 4Page - NEC NE76118-T1 Datasheet HTML 5Page - NEC NE76118-T1 Datasheet HTML 6Page - NEC NE76118-T1 Datasheet HTML 7Page - NEC NE76118-T1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NE76118
S-PARAMETER
VDS = 3 V, ID = 10 mA
FREQUENCY
S11
S21
S12
S22
MSG
K
MHZ
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(deg.)
(deg.)
(deg.)
(deg.)
dB
500
.992
ð12.2
3.647
162.5
.020
83.0
.765
ð5.9
22.6
.17
600
.979
ð14.7
3.618
158.3
.024
83.3
.759
ð7.3
21.8
.23
700
.964
ð17.6
3.594
154.7
.027
81.7
.757
ð9.1
21.2
.29
800
.943
ð20.2
3.536
151.0
.032
80.5
.747
ð10.0
20.5
.38
900
.923
ð22.6
3.510
148.4
.034
81.6
.739
ð11.5
20.1
.41
1000
.911
ð24.9
3.492
145.2
.038
78.7
.736
ð12.0
19.7
.47
1100
.900
ð27.6
3.477
142.4
.043
77.7
.727
ð13.8
19.1
.47
1200
.894
ð29.8
3.473
139.0
.046
76.9
.734
ð14.3
18.8
.49
1300
.885
ð32.5
3.453
135.8
.049
76.0
.724
ð16.0
18.5
.50
1400
.868
ð35.1
3.410
132.2
.054
75.2
.724
ð17.3
18.0
.52
1500
.842
ð37.1
3.359
129.3
.057
74.0
.712
ð18.9
17.7
.58
1600
.817
ð39.9
3.325
125.9
.061
72.9
.707
ð20.1
17.4
.63
1700
.783
ð42.2
3.269
122.8
.064
72.0
.692
ð21.0
17.1
.70
1800
.759
ð45.0
3.235
119.6
.067
71.1
.689
ð22.2
16.8
.73
1900
.734
ð47.6
3.197
116.6
.070
70.1
.676
ð22.7
16.6
.78
2000
.712
ð50.0
3.152
113.3
.074
70.0
.676
ð23.9
16.3
.80
2100
.686
ð51.5
3.086
110.2
.075
68.7
.663
ð25.0
16.1
.87
2200
.680
ð52.6
3.026
107.8
.077
68.2
.653
ð26.7
15.9
.89
2300
.667
ð55.1
3.013
105.2
.081
68.3
.644
ð27.7
15.7
.89
2400
.641
ð58.1
2.999
102.1
.085
68.2
.640
ð29.4
15.5
.89
2500
.612
ð61.0
2.978
99.3
.089
67.3
.631
ð30.6
15.3
.92
2600
.589
ð63.8
2.944
96.3
.092
67.9
.627
ð32.0
15.1
.93
2700
.570
ð66.5
2.904
93.5
.095
67.0
.623
ð32.9
14.9
.95
2800
.556
ð68.9
2.862
90.7
.099
66.9
.620
ð34.1
14.6
.95
2900
.540
ð70.5
2.809
88.0
.102
66.4
.614
ð35.1
14.4
.97
3000
.520
ð72.6
2.768
85.3
.107
66.8
.602
ð36.3
14.1
.98


Similar Part No. - NE76118-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE76118-T1 NEC-NE76118-T1 Datasheet
32Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
NE76118-T1 RENESAS-NE76118-T1 Datasheet
187Kb / 10P
   GaAs MES FET
1996
More results

Similar Description - NE76118-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE713 NEC-NE713 Datasheet
92Kb / 16P
   L to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NE76084 NEC-NE76084 Datasheet
62Kb / 12P
   C to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com