Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21S-KK2C Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 67-21S-KK2C
Description  Low Power LED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21S-KK2C Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  67-21S-KK2C Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2013-12-20 09:52:42.0
DATASHEET
SMD  Low Power LED
67-21S/KK2C-HXXXXXXXX2936Z6/2T
4
Copyright © 2013, Everlight All Rights Reserved. Release Date : 16.Dec. 2013. Issue No:V3
Issue No:DSE-0009811
www.everlight.com
Device Selection Guide
Chip
Materials
Emitted Color
Resin Color
InGaN
Cool White
Neutral White
Warm White
Water Clear
Absolute Maximum Ratings (TSoldering=25℃)
Parameter
Symbol
Rating
Unit
Forward Current
IF
75
mA
Peak Forward Current (Duty 1/10 @10ms)
IFP
100
mA
Power Dissipation
Pd
270
mW
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Thermal Resistance (Junction / Soldering point)
Rth J-S
50
℃/W
Junction Temperature
T j
125
Soldering Temperature
Tsol
Reflow Soldering : 260
℃ for 10 sec.
Hand Soldering : 350
℃ for 3 sec.
Note:
The products are sensitive to static electricity and must be carefully taken when handling products
Electro-Optical Characteristics (TSoldering=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Flux(1)
Φ
19
-----
33
lm
IF=60mA
Forward Voltage(2)
VF
2.9
-----
3.6
V
IF=60mA
Color Rendering Index(3)
Ra
80
-----
-----
IF=60mA
Viewing Angle
1/2
-----
120
-----
deg
IF=60mA
Reverse Current
IR
-----
-----
50

VR =5V
Notes:
1. Tolerance of Luminous flux: ±11%.
2. Tolerance of Forward Voltage: ±0.1V.
3. Tolerance of Color Rendering Index: ±2


Similar Part No. - 67-21S-KK2C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
364Kb / 5P
   TOP View LEDs
2009/2/20
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
304Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
282Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
logo
Everlight Electronics C...
67-21SUBC-S400-A4-TR8 EVERLIGHT-67-21SUBC-S400-A4-TR8 Datasheet
203Kb / 9P
   TOP View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
More results

Similar Description - 67-21S-KK2C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21XK2C-BXXXXXXXXX-2T EVERLIGHT-67-21XK2C-BXXXXXXXXX-2T Datasheet
241Kb / 9P
   Low Power LED
45-21S-KK2C-H3535L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3535L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H3030L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3030L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H4040L9N3B2Z6 EVERLIGHT-45-21S-KK2C-H4040L9N3B2Z6 Datasheet
1Mb / 28P
   Low Power LED
DSE-0009300-45-21S-XK2C EVERLIGHT-DSE-0009300-45-21S-XK2C Datasheet
556Kb / 19P
   Low Power LED
DSE-0009381-45-21S-XK2D EVERLIGHT-DSE-0009381-45-21S-XK2D Datasheet
776Kb / 22P
   Low Power LED
EAPL2835RA0 EVERLIGHT-EAPL2835RA0 Datasheet
327Kb / 11P
   Low Power LED
EAPL2835YA0 EVERLIGHT-EAPL2835YA0 Datasheet
767Kb / 10P
   Low Power LED
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
61-238XK2C-SXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-SXXXXXXXXXX-ET Datasheet
387Kb / 14P
   Low Power LED
45-21-XK2C-BXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXX-2T Datasheet
439Kb / 16P
   Low Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com