Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJN3314R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FJN3314R
Description  NPN Epitaxial Silicon Transistor with Bias Resistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJN3314R Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FJN3314R Datasheet HTML 1Page - Fairchild Semiconductor FJN3314R Datasheet HTML 2Page - Fairchild Semiconductor FJN3314R Datasheet HTML 3Page - Fairchild Semiconductor FJN3314R Datasheet HTML 4Page - Fairchild Semiconductor FJN3314R Datasheet HTML 5Page - Fairchild Semiconductor FJN3314R Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJN3314R Rev. 1.1.2
3
Typical Performance Characteristics
Figure 1. DC Current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Input-On Voltage
Figure 4. Input-Off Voltage
Figure 5. Power Derating
0.1
1
10
100
0.1
1
10
100
1000
T
A
= 125
oC
T
A
= 75
oC
T
A
= 25
oC
V
CE
= 5V
R
1
= 4.7K
R
2
= 47K
I
C
[mA], COLLECTOR CURRENT
1E-3
0.01
0.1
0.01
0.1
1
T
J
= 125
oC
T
J
= 75
oC
T
J
= 25
oC
I
C
= 20I
B
R
1
= 4.7K
R
2
= 47K
I
C
[A], COLLECTOR CURRENT
0.1
1
10
100
0.1
1
10
100
T
A
= 125
oC
T
A
= 75
oC
T
A
= 25
oC
V
CE
= 0.2V
R
1
= 4.7K
R
2
= 47K
I
C
[mA], COLLECTOR CURRENT
0.00.2
0.40.6
0.81.0
1.2
1.4
1.61.8
2.0
10
100
1000
T
A
= 125
oC
T
A
= 75
oC
T
A
= 25
oC
V
CE
= 5V
R
1
= 4.7K
R
2
= 47K
V
I
(off)[V], INPUT OFF VO LTAG E
0
25
50
75
100
125
150
175
0
50
100
150
200
250
300
350
T
a
[
oC], AMBIENT TEMPERATURE


Similar Part No. - FJN3314R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN3314R FAIRCHILD-FJN3314R Datasheet
28Kb / 3P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - FJN3314R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJV3102RMTF FAIRCHILD-FJV3102RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3303RTA FAIRCHILD-FJN3303RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3101RMTF FAIRCHILD-FJV3101RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3302RTA FAIRCHILD-FJN3302RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3114RMTF FAIRCHILD-FJV3114RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJX3007RTF FAIRCHILD-FJX3007RTF Datasheet
170Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV3102R ONSEMI-FJV3102R Datasheet
241Kb / 7P
   NPN Epitaxial Silicon Transistor with Bias Resistor
November 2013 Rev. 1.1.2
logo
Fairchild Semiconductor
FJV4114RMTF FAIRCHILD-FJV4114RMTF Datasheet
167Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
FJX4006RTF FAIRCHILD-FJX4006RTF Datasheet
170Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com