Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4956FVE-TL Datasheet(PDF) 9 Page - Rohm

Part # BD4956FVE-TL
Description  Standard CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4956FVE-TL Datasheet(HTML) 9 Page - Rohm

Back Button BD4956FVE-TL Datasheet HTML 5Page - Rohm BD4956FVE-TL Datasheet HTML 6Page - Rohm BD4956FVE-TL Datasheet HTML 7Page - Rohm BD4956FVE-TL Datasheet HTML 8Page - Rohm BD4956FVE-TL Datasheet HTML 9Page - Rohm BD4956FVE-TL Datasheet HTML 10Page - Rohm BD4956FVE-TL Datasheet HTML 11Page - Rohm BD4956FVE-TL Datasheet HTML 12Page - Rohm BD4956FVE-TL Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Datasheet
9/15
BD48xxx series
BD49xxx series
TSZ02201-0R7R0G300030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.008
www.rohm.com
TSZ22111
15
001
Typical Performance Curves
Fig.3 Circuit Current
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
7
8
9
10
VDD SUPPLY VOLTAGE
VDD[V]
BD4842G/FVE
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
VDS[V]
【BD4842G/FVE】
VDD=2.4V
VDD=1.2V
Fig.4 “Low” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
8
9
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
VDD SUPPLY VOLTAGE
VDD[V]
【BD 4842G/FVE】
Ta=25
Ta=25
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
DRAIN-SOURCE VOLTAGE
VDS[V]
BD4942G/FVE
VDD=8.0V
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
BD49x42
BD49x42
BD48x42
BD49x42
BD48x42
BD49x42
BD48x42


Similar Part No. - BD4956FVE-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4956FVE-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com