Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

264-7SUGC-C525 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 264-7SUGC-C525
Description  3.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

264-7SUGC-C525 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  264-7SUGC-C525 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 264-7SUGC-C525 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 264-7SUGC-C525 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 264-7SUGC-C525 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 264-7SUGC-C525 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 264-7SUGC-C525 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
Packing Quantity Specification
1. 1000PCS/1Bag,4Bags/1Box
2. 10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.: 2
Device Number :
CDLE-026-419
Prepared date:
2006/2/27
Prepared by:
Page: 6 of 6
Xiuzhen Feng
264-7SUGC/C525
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
264-7SUGC/C525


Similar Part No. - 264-7SUGC-C525

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-7SUGC-C525 EVERLIGHT-264-7SUGC-C525 Datasheet
96Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - 264-7SUGC-C525

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-10SYGD-S530-E3 EVERLIGHT-204-10SYGD-S530-E3 Datasheet
101Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYOC-S530-A3 EVERLIGHT-204-10UYOC-S530-A3 Datasheet
156Kb / 7P
   3.0mm Round Type LED Lamps
DLE-0001704 EVERLIGHT-DLE-0001704 Datasheet
120Kb / 6P
   3.0mm Round Type LED Lamps
1224-10UYT-S530-A3 EVERLIGHT-1224-10UYT-S530-A3 Datasheet
116Kb / 6P
   3.0mm Round Type LED Lamps
1254-10UYD-S530-A3 EVERLIGHT-1254-10UYD-S530-A3 Datasheet
102Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3 EVERLIGHT-204-10UYD-S530-A3 Datasheet
138Kb / 7P
   3.0mm Round Type LED Lamps
1254-10SDRD-S530-A3 EVERLIGHT-1254-10SDRD-S530-A3 Datasheet
123Kb / 6P
   3.0mm Round Type LED Lamps
1254-10SYGD-S530-E2 EVERLIGHT-1254-10SYGD-S530-E2 Datasheet
98Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3-L EVERLIGHT-204-10UYD-S530-A3-L Datasheet
110Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYT-S530-A3 EVERLIGHT-204-10UYT-S530-A3_05 Datasheet
99Kb / 6P
   3.0mm Round Type LED Lamps
A264B-SUR-S530-A3-F14-9 EVERLIGHT-A264B-SUR-S530-A3-F14-9 Datasheet
108Kb / 6P
   3.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com