Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4956FVE-TL Datasheet(PDF) 1 Page - Rohm

Part # BD4956FVE-TL
Description  Standard CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4956FVE-TL Datasheet(HTML) 1 Page - Rohm

  BD4956FVE-TL Datasheet HTML 1Page - Rohm BD4956FVE-TL Datasheet HTML 2Page - Rohm BD4956FVE-TL Datasheet HTML 3Page - Rohm BD4956FVE-TL Datasheet HTML 4Page - Rohm BD4956FVE-TL Datasheet HTML 5Page - Rohm BD4956FVE-TL Datasheet HTML 6Page - Rohm BD4956FVE-TL Datasheet HTML 7Page - Rohm BD4956FVE-TL Datasheet HTML 8Page - Rohm BD4956FVE-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Product structure
Silicon monolithic integrated circuit
This product is not designed for protection against radioactive rays
.
1/15
TSZ02201-0R7R0G300030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.008
TSZ22111
14
001
www.rohm.com
Datasheet
Voltage Detector IC Series
Standard CMOS
Voltage Detector IC
BD48xxx series
BD49xxx series
General Description
ROHM’s BD48xxx and BD49xxx series are highly
accurate, low-current Voltage Detector IC series. The
family includes BD48xxx devices with N-channel open
drain output and BD49xxx devices with CMOS output.
The devices are available for specific detection voltages
ranging from 2.3V to 6.0V in increments of 0.1V.
Features
High accuracy detection
Ultra-low current consumption
Two output types (Nch open drain and CMOS output)
Wide Operating temperature range
Very small and low height package
Package SSOP5 is similar to SOT-23-5 (JEDEC)
Package SSOP3 is similar to SOT-23-3 (JEDEC)
Typical Application Circuit
Key Specifications
Detection voltage:
2.3V to 6.0V (Typ.),
0.1V steps
High accuracy detection voltage:
±1.0%
Ultra-low current consumption:
0.9µA (Typ.)
Operating temperature range:
-40°C to +105°C
Package
SSOP5:
2.90mm x 2.80mm x 1.25mm
SSOP3:
2.92mm x 2.80mm x 1.25mm
VSOF5:
1.60 mm x 1.60mm x 0.60mm
Applications
Circuits using microcontrollers or logic circuits that
require a reset.
(Open Drain Output type
BD48xxx series
VDD1
BD48xxx
VDD2
GND
Micro
controller
RST
CL
(
Capacitor for
noise filtering
RL
(CMOS Output type
BD49xxx series
CL
(
Capacitor for
noise filtering
VDD1
BD49xxx
Micro
controller
RST
GND


Similar Part No. - BD4956FVE-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4956FVE-TL ROHM-BD4956FVE-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4956FVE-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com