Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL5553P1S Datasheet(PDF) 1 Page - NEC

Part # NDL5553P1S
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5553P1S Datasheet(HTML) 1 Page - NEC

  NDL5553P1S Datasheet HTML 1Page - NEC NDL5553P1S Datasheet HTML 2Page - NEC NDL5553P1S Datasheet HTML 3Page - NEC NDL5553P1S Datasheet HTML 4Page - NEC NDL5553P1S Datasheet HTML 5Page - NEC NDL5553P1S Datasheet HTML 6Page - NEC NDL5553P1S Datasheet HTML 7Page - NEC NDL5553P1S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice.
PHOTO DIODE
NDL5421P Series
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS
φφφφ 50 µµµµm InGaAs PIN PHOTO DIODE MODULE
DATA SHEET
The mark
• shows major revised points.
©
1995
Document No. P10262EJ2V0DS00 (2nd edition)
Date Published June 1996 P
Printed in Japan
DESCRIPTION
NDL5421P Series is an InGaAs PIN photo diode module with multimode fiber. It is designed for 2.5Gb/s optical
fiber communication systems and covers the wavelength range between 1 000 and 1 600 nm with high efficiency.
FEATURES
• Small dark current
ID = 0.1 nA
• High quantum efficiency
η = 86 % @ λ = 1 300 nm
η = 75 % @ λ = 1 550 nm
• Detecting area size
φ 50 µm
• Low operating voltage
VR = 5 V
• Low terminal capacitance
Ct = 0.7 pF @ f = 1.0 MHz, VR = 5 V
• High speed response
fC = 2.5 GHz min.
• Coaxial module with multimode fiber (GI-50/125) or optional siglemode fiber (SM-9/125)
2
3
1
φ2.0
φ0.45
φ6.0
φ2.5
Shrunk tube
Shrunk tube
Shrunk tube
Optical Fiber:
GI-50/125
Length: 1 m MIN.
NDL5421P
PIN CONNECTIONS
1 Anode (Negative)
2 Cathode (Positive)
3 Case
3
1
2
φ2.5
Optical Fiber:
GI-50/125
Length: 1 m MIN.
NDL5421P1
14.0±0.1
φ6.0
φ
2– 2.2
18.0±0.1
2
3
1
φ6.0
φ2.5
Optical Fiber:
GI-50/125
Length: 1 m MIN.
NDL5421P2
12.0±0.1
16.0±0.2
φ
2– 2.5
+0.0
–0.1
+0.0
–0.1
+0.0
–0.1
2
3
1
φ2.0
φ2.0
PACKAGE DIMENSIONS
in millimeters


Similar Part No. - NDL5553P1S

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5553P1S NEC-NDL5553P1S Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5553P1S NEC-NDL5553P1S Datasheet
68Kb / 8P
   1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
NDL5553P1S NEC-NDL5553P1S Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5553P1S NEC-NDL5553P1S Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
More results

Similar Description - NDL5553P1S

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5481P NEC-NDL5481P Datasheet
68Kb / 8P
   1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com