Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HCT374 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HCT374
Description  Octal D-type Flip-Flops(with inverted 3-state outputs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HCT374 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HCT374 Datasheet HTML 1Page - Hitachi Semiconductor HD74HCT374 Datasheet HTML 2Page - Hitachi Semiconductor HD74HCT374 Datasheet HTML 3Page - Hitachi Semiconductor HD74HCT374 Datasheet HTML 4Page - Hitachi Semiconductor HD74HCT374 Datasheet HTML 5Page - Hitachi Semiconductor HD74HCT374 Datasheet HTML 6Page - Hitachi Semiconductor HD74HCT374 Datasheet HTML 7Page - Hitachi Semiconductor HD74HCT374 Datasheet HTML 8Page - Hitachi Semiconductor HD74HCT374 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HCT374/HD74HCT534
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Test Conditions
Item
Symbol
Min Typ Max Min
Max
Unit
V
CC (V)
Maximum clock
frequency
f
max
30
24
MHz
4.5
Propagation delay t
PLH
12
28
35
ns
4.5
time
t
PHL
15
28
35
4.5
Output enable
t
ZL
16
30
38
ns
4.5
time
t
ZH
15
30
38
4.5
Output disable
t
LZ
13
30
38
ns
4.5
time
t
HZ
16
30
38
4.5
Setup time
t
su
20
2
25
ns
4.5
Data to clock
Hold time
t
h
5
0
6
ns
4.5
Clock to data
Pulse width
t
w
16
5
20
ns
4.5
Clock, output control
Output rise/fall
time
t
TLH
t
THL
4
12
15
ns
4.5
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HCT374

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT374 RENESAS-HD74HCT374 Datasheet
118Kb / 8P
   Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT374FPEL RENESAS-HD74HCT374FPEL Datasheet
118Kb / 8P
   Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT374FPEL RENESAS-HD74HCT374FPEL Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT374P RENESAS-HD74HCT374P Datasheet
118Kb / 8P
   Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT374P RENESAS-HD74HCT374P Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results

Similar Description - HD74HCT374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT374 RENESAS-HD74HCT374 Datasheet
118Kb / 8P
   Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com