Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HCT640 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HCT640
Description  Octal Bus Transceivers (with 3-state outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HCT640 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HCT640 Datasheet HTML 1Page - Hitachi Semiconductor HD74HCT640 Datasheet HTML 2Page - Hitachi Semiconductor HD74HCT640 Datasheet HTML 3Page - Hitachi Semiconductor HD74HCT640 Datasheet HTML 4Page - Hitachi Semiconductor HD74HCT640 Datasheet HTML 5Page - Hitachi Semiconductor HD74HCT640 Datasheet HTML 6Page - Hitachi Semiconductor HD74HCT640 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74HCT640/HD74HCT643
5
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Test Conditions
Item
Symbol
Min Typ Max Min
Max
Unit
V
CC (V)
Input voltage
V
IH
2.0
2.0
V
4.5 to
5.5
V
IL
0.8
0.8
V
4.5 to
5.5
Output voltage
V
OH
4.4
4.4
V
4.5
Vin = V
IH or VIL
I
OH = –20 µA
4.18 —
4.13
4.5
I
OH = –6 mA
V
OL
0.1
0.1
V
4.5
Vin = V
IH or VIL
I
OL = 20 µA
0.26 —
0.33
4.5
I
OL = 6 mA
Off-state output
current
I
OZ
——
±0.5 —
±5.0 µA
5.5
Vin = V
IH or VIL,
Vout = V
CC or GND
Input current
Iin
±0.1 —
±1.0 µA
5.5
Vin = V
CC or GND
Quiescent current
I
CC
4.0
40
µA
5.5
Vin = V
CC or GND, Iout = 0 µA
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Test Conditions
Item
Symbol
Min Typ Max Min
Max
Unit
V
CC (V)
Propagation delay t
PLH
13
18
23
ns
4.5
time
t
PHL
16
18
23
4.5
Output enable
t
ZH
16
46
58
ns
4.5
time
t
ZL
16
46
58
4.5
Output disable
t
HZ
17
43
54
ns
4.5
time
t
LZ
21
43
54
4.5
Output rise/fall
time
t
TLH
t
THL
4
12
15
ns
4.5
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HCT640

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
HD74HCT640FPEL RENESAS-HD74HCT640FPEL Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
HD74HCT640P RENESAS-HD74HCT640P Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
HD74HCT640RPEL RENESAS-HD74HCT640RPEL Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results

Similar Description - HD74HCT640

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com