Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39373-0010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39373-0010
Description  7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 10 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39373-0010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39373-0010 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39373-0010
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
7.50mm Beau™ Eurostyle™ Horizontal PCB Header, Closed Ends, 10 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39373
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Type
Euro Block
UPC
822348042135
Physical
Circuits (Loaded)
10
Circuits (maximum)
10
Entry Angle
90° Angle
Flammability
94V-0
Lock to Mating Part
None
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.50mm
PCB Retention
None
Panel Mount
No
Pitch - Mating Interface
7.50mm
Pitch - Termination Interface
7.50mm
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
110°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
371910
Reference - Drawing Numbers
Sales Drawing
SD-39373-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39373Series
Mates With
39371 , 39374 Plugs
This document was generated on 10/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39373-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39373-0010 MOLEX5-39373-0010 Datasheet
208Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Horizontal PCB Header, Closed Ends, 10 Circuits
More results

Similar Description - 39373-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0393730010 MOLEX5-0393730010 Datasheet
208Kb / 2P
   7.50mm (.295") Beau??Eurostyle??Horizontal PCB Header, Closed Ends, 10 Circuits
39373-0004 MOLEX11-39373-0004 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 4 Circuits
39373-0003 MOLEX11-39373-0003 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 3 Circuits
39373-0008 MOLEX11-39373-0008 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 8 Circuits
39373-0002 MOLEX11-39373-0002 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 2 Circuits
39373-0007 MOLEX11-39373-0007 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 7 Circuits
39373-0005 MOLEX11-39373-0005 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 5 Circuits
39373-0006 MOLEX11-39373-0006 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 6 Circuits
39373-0009 MOLEX11-39373-0009 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 9 Circuits
39373-0012 MOLEX11-39373-0012 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Horizontal PCB Header, Closed Ends, 12 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com