Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT574CMTCX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT574CMTCX
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT574CMTCX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT574CMTCX Datasheet HTML 1Page - Fairchild Semiconductor 74ABT574CMTCX Datasheet HTML 2Page - Fairchild Semiconductor 74ABT574CMTCX Datasheet HTML 3Page - Fairchild Semiconductor 74ABT574CMTCX Datasheet HTML 4Page - Fairchild Semiconductor 74ABT574CMTCX Datasheet HTML 5Page - Fairchild Semiconductor 74ABT574CMTCX Datasheet HTML 6Page - Fairchild Semiconductor 74ABT574CMTCX Datasheet HTML 7Page - Fairchild Semiconductor 74ABT574CMTCX Datasheet HTML 8Page - Fairchild Semiconductor 74ABT574CMTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011511
www.fairchildsemi.com
November 1992
Revised March 2005
74ABT574
Octal D-Type Flip-Flop with 3-STATE Outputs
General Description
The ABT574 is an octal flip-flop with a buffered common
Clock (CP) and a buffered common Output Enable (OE).
The information presented to the D inputs is stored in the
flip-flops on the LOW-to-HIGH Clock (CP) transition.
The device is functionally identical to the ABT374 but has
broadside pinouts.
Features
s Inputs and outputs on opposite sides of package
allowing easy interface with microprocessors
s Useful as input or output port for microprocessors
s Functionally identical to ABT374
s 3-STATE outputs for bus-oriented applications
s Output sink capability of 64 mA, source capability
of 32 mA
s Guaranteed output skew
s Guaranteed multiple output switching specifications
s Output switching specified for both 50 pF and
250 pF loads
s Guaranteed simultaneous switching, noise level and
dynamic threshold performance
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Non-destructive hot insertion capability
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74ABT574CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT574CSJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT574CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT574CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input (Active Rising Edge)
OE
3-STATE Output Enable Input (Active LOW)
O0–O7
3-STATE Outputs


Similar Part No. - 74ABT574CMTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT574CMTC FAIRCHILD-74ABT574CMTC Datasheet
120Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ABT574CMTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com