Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT108-600D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ACT108-600D
Description  AC Thyristor power switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ACT108-600D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ACT108-600D Datasheet HTML 4Page - NXP Semiconductors ACT108-600D Datasheet HTML 5Page - NXP Semiconductors ACT108-600D Datasheet HTML 6Page - NXP Semiconductors ACT108-600D Datasheet HTML 7Page - NXP Semiconductors ACT108-600D Datasheet HTML 8Page - NXP Semiconductors ACT108-600D Datasheet HTML 9Page - NXP Semiconductors ACT108-600D Datasheet HTML 10Page - NXP Semiconductors ACT108-600D Datasheet HTML 11Page - NXP Semiconductors ACT108-600D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NXP Semiconductors
ACT108-600D
AC Thyristor power switch
ACT108-600D
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
20 August 2014
8 / 12
Tj (°C)
25
125
100
50
75
003aac813
4
8
12
0
A
B
10
6
2
A = dVD/dt at condition Tj °C
B = dVD/dt at condition Tj [125] °C
Fig. 10. Normalized rate of rise of off-state voltage as a
function of junction temperature
Tj (°C)
25
125
100
50
75
003aac814
4
8
12
0
A
B
A = dIcom/dt at condition Tj °C
B = dIcom/dt at condition Tj [125] °C
VD = 400 V
Fig. 11. Normalized critical rate of rise of commutating
current as a function of junction temperature
003aac815
0
0.5
1.0
1.5
2.0
10- 1
1
10
102
B (V/µs)
A [B]
A [spec]
A [B] = dIcom/dt at condition B, dVcom/dt
A [spec] is the data sheet value for dIcom/dt
turn-off time is less than 20 ms
Fig. 12. Normalized critical rate of change of commutating current as a function of critical rate of change of
commutating voltage; minimum values


Similar Part No. - ACT108-600D

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACT108-600D WEEN-ACT108-600D Datasheet
357Kb / 12P
   Exclusive negative gate triggering
ACT108-600DG WEEN-ACT108-600DG Datasheet
357Kb / 12P
   Exclusive negative gate triggering
More results

Similar Description - ACT108-600D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ACT108-600E NXP-ACT108-600E Datasheet
339Kb / 12P
   AC Thyristor power switch
Rev. 02-21 October 2009
logo
WeEn Semiconductors
ACT108-600E WEEN-ACT108-600E Datasheet
357Kb / 12P
   AC Thyristor power switch
logo
NXP Semiconductors
ACT108-600E PHILIPS-ACT108-600E Datasheet
339Kb / 12P
   AC Thyristor power switch
Rev. 02-21 October 2009
ACT108W-600E PHILIPS-ACT108W-600E Datasheet
283Kb / 13P
   AC Thyristor power switch
Rev. 04-9 December 2009
logo
WeEn Semiconductors
ACT108W-600D WEEN-ACT108W-600D Datasheet
232Kb / 14P
   AC Thyristor power switch
ACT108W-600E WEEN-ACT108W-600E Datasheet
233Kb / 14P
   AC Thyristor power switch
ACT102H-600D WEEN-ACT102H-600D Datasheet
210Kb / 13P
   AC Thyristor power switch
ACT108-800E WEEN-ACT108-800E Datasheet
358Kb / 13P
   AC Thyristor power switch
logo
NXP Semiconductors
ACT108W-600E NXP-ACT108W-600E Datasheet
390Kb / 13P
   AC Thyristor power switch
Rev. 03-21 October 2009
logo
WeEn Semiconductors
ACT108W-800E WEEN-ACT108W-800E Datasheet
1Mb / 14P
   AC Thyristor power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com