Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF24V018A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELF24V018A
Description  Dimensions in mm (not to scale)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF24V018A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELF24V018A Datasheet HTML 1Page - Panasonic Semiconductor ELF24V018A Datasheet HTML 2Page - Panasonic Semiconductor ELF24V018A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Line Filters
ELF21V006A
683 06A
68.0
1.294
0.6
ELF21V018A
822 18A
8.2
0.155
1.8
ELF21V007A
563 07A
56.0
1.212
0.7
ELF21V020A
682 20A
6.8
0.147
2.0
ELF21V008A
333 08A
33.0
0.707
0.8
ELF21V022A
562 22A
5.6
0.111
2.2
ELF21V010A
273 10A
27.0
0.515
1.0
ELF21V025A
452 25A
4.5
0.087
2.5
ELF21V012A
183 12A
18.0
0.331
1.2
ELF21V027A
272 27A
2.7
0.071
2.7
ELF21V013A
153 13A
15.0
0.309
1.3
ELF21V030A
222 30A
2.2
0.058
3.0
ELF21V016A
123 16A
12.0
0.226
1.6
Inductance
V
DCR(
W)
Current
Inductance
V
DCR(
W)
Current
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
(Tol ±20 %)
max.
(Tol.±20 %)
max.
V DC Resistance
s Series V
q Type 21V
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Examples
13.0±0.5
10.0±0.5
21.0±1.0
29.0±1.0
4-
f 0.8±0.1
13.00±0.05
4-
f1.2±0.1
1
2
3
4
Marking
21.0±0.5
15.0±0.5
24.0±1.0
37.0±1.0
4-
f 1.2±0.1
21.0±0.1
4-
f2.0±0.1
1
2
3
4
Marking
ELF24V008A
823 08A
82.00
0.892
0.8
ELF24V034A
562 34A
5.60
0.065
3.4
ELF24V010A
563 10A
56.00
0.608
1.0
ELF24V035A
472 35A
4.70
0.060
3.5
ELF24V012A
473 12A
47.00
0.469
1.2
ELF24V037A
392 37A
3.90
0.052
3.7
ELF24V014A
333 14A
33.00
0.327
1.4
ELF24V042A
332 42A
3.30
0.041
4.2
ELF24V015A
273 15A
27.00
0.274
1.5
ELF24V045A
272 45A
2.70
0.031
4.5
ELF24V018A
223 18A
22.00
0.237
1.8
ELF24V050A
152 50A
1.50
0.028
5.0
ELF24V019A
183 19A
18.00
0.228
1.9
ELF24V070A
801 70A
0.80
0.016
7.0
ELF24V020A
153 20A
15.00
0.161
2.0
ELF24V080A
401 80A
0.40
0.015max.
8.0
ELF24V025A
103 25A
10.00
0.124
2.5
ELF24V090A
261 90A
0.26
0.012max.
9.0
ELF24V028A
902 28A
9.00
0.100
2.8
ELF24V100A
151 100A
0.15
0.0085max.
10.0
ELF24V030A
822 30A
8.20
0.090
3.0
Inductance
VDCR(
W)
Current
Inductance
VDCR(
W)
Current
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
(Tol ±20 %)
max.
(Tol.±20 %)
max.
Examples
V DC Resistance
q Type 24V
Dimensions in mm (not to scale)
Recommended PWB piercing plan


Similar Part No. - ELF24V018A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF24V018A PANASONIC-ELF24V018A Datasheet
84Kb / 3P
   Line Filters
ELF24V018A PANASONIC-ELF24V018A Datasheet
84Kb / 3P
   Recommended PWB piercing plan
ELF24V018A PANASONIC-ELF24V018A Datasheet
117Kb / 4P
   Line Filters
ELF24V018A PANASONIC-ELF24V018A Datasheet
84Kb / 3P
   Dimensions in mm (not to scale)
More results

Similar Description - ELF24V018A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF-18D225 PANASONIC-ELF-18D225 Datasheet
84Kb / 3P
   Dimensions in mm (not to scale)
ELF-15N015A PANASONIC-ELF-15N015A Datasheet
71Kb / 2P
   Dimensions in mm (not to scale)
ELF11M16M PANASONIC-ELF11M16M Datasheet
47Kb / 1P
   Dimensions in mm (not to scale)
ELF-18D612 PANASONIC-ELF-18D612 Datasheet
192Kb / 2P
   Dimensions in mm not to scale Recommended PWB piercing plan
logo
Pran Electronics Pvt. L...
JP-S1-8P8C-2P PRAN-JP-S1-8P8C-2P Datasheet
245Kb / 1P
   DRAWING NOT TO SCALE
11/07/2016
logo
Panasonic Semiconductor
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
logo
Hammond Manufacturing L...
1418B6 HAMMOND-1418B6 Datasheet
217Kb / 1P
   Isometric drawing Not to Scale
logo
Knowles Electronics
FG-23329-D65 KNOWLES-FG-23329-D65 Datasheet
135Kb / 2P
   DO NOT SCALE DRAWING
FG-23629-D65 KNOWLES-FG-23629-D65 Datasheet
136Kb / 2P
   DO NOT SCALE DRAWING
logo
Vishay Siliconix
SOT-490 VISHAY-SOT-490 Datasheet
35Kb / 2P
   Package Dimensions in mm
Rev. 1.1, 06-Sep-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com