Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM870-H14 Datasheet(PDF) 1 Page - Rohm

Part # RPM870-H14
Description  IrDA wireless communication transceiver IC (supports Ver. 1.2 Low Power)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM870-H14 Datasheet(HTML) 1 Page - Rohm

  RPM870-H14 Datasheet HTML 1Page - Rohm RPM870-H14 Datasheet HTML 2Page - Rohm RPM870-H14 Datasheet HTML 3Page - Rohm RPM870-H14 Datasheet HTML 4Page - Rohm RPM870-H14 Datasheet HTML 5Page - Rohm RPM870-H14 Datasheet HTML 6Page - Rohm RPM870-H14 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RPM870-H14
Photo Link Module
1/6
IrDA wireless communication transceiver
IC (supports Ver. 1.2 Low Power)
RPM870-H14
The RPM870-H14 is an Module that supports IrDA Ver. 1.2 (Low Power), and is ideal for wireless communications.
An infrared LED, a pin-photo diode, and LSI are all contained in a very small single package. It is also equipped with low
power consumption and power down functions making this IC perfect for mobile sets.
Features
1) Applied to IrDA Ver. 1.2. (Low Power)
2) Low power consumption while waiting mode. (90
µATyp.).
3) A power-down function is perfect for battery applications.
4) Supports a board power supply voltage range from 2.6V to 3.6V.
5) Only 1 external capacitor required.
Applications
Mobile phones, PDAs, and others
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
7.0
−0.3 to VCC+0.3
−20 to +85
−30 to +100
V
V
mW
Input voltage
Vin
100
Operating temperature
Storage temperature
Power dissipation
Topr
Tstg
Pd
°C
°C
Recommended operating conditions (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
3.0
V
2.6
3.6
VLEDA
3.0
V
2.6
5.5


Similar Part No. - RPM870-H14

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM870-H14 ROHM-RPM870-H14 Datasheet
95Kb / 7P
   IrDA wireless communication transceiver IC (supports Ver. 1.2 Low Power)
RPM870-H14 ROHM-RPM870-H14 Datasheet
82Kb / 7P
   IrDA wireless communication transceiver IC (supports Ver. 1.2 Low Power)
RPM870-H14 ROHM-RPM870-H14_07 Datasheet
82Kb / 7P
   IrDA wireless communication transceiver IC (supports Ver. 1.2 Low Power)
More results

Similar Description - RPM870-H14

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM870-H14 ROHM-RPM870-H14_07 Datasheet
82Kb / 7P
   IrDA wireless communication transceiver IC (supports Ver. 1.2 Low Power)
RPM870-H7 ROHM-RPM870-H7 Datasheet
76Kb / 6P
   IrDA wireless communication transceiver IC (supports Ver. 1.2 Low Power)
RPM870-H14 ROHM-RPM870-H14 Datasheet
95Kb / 7P
   IrDA wireless communication transceiver IC (supports Ver. 1.2 Low Power)
RPM851A ROHM-RPM851A Datasheet
113Kb / 7P
   IrDA wireless communication transceiver IC (supports Ver.1.0)
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
   IrDA Communication Controller
logo
M-System Co.,Ltd.
COPIRDA MSYSTEM-COPIRDA Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
COP-IRDA MSYSTEM-COP-IRDA Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
logo
Texas Instruments
MSP430BQ1010 TI-MSP430BQ1010 Datasheet
508Kb / 24P
[Old version datasheet]   WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
MSP430BQ1010 TI1-MSP430BQ1010_16 Datasheet
886Kb / 26P
[Old version datasheet]   WIRELESS RECEIVER-SIDE COMMUNICATION AND POWER MONITORING IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com