Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1B-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # RS1B-13-F
Description  1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS1B-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  RS1B-13-F Datasheet HTML 1Page - Diodes Incorporated RS1B-13-F Datasheet HTML 2Page - Diodes Incorporated RS1B-13-F Datasheet HTML 3Page - Diodes Incorporated RS1B-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RS1A/B - RS1M/B
Document number: DS15002 Rev. 13 - 2
2 of 4
www.diodes.com
September 2010
© Diodes Incorporated
RS1A/B - RS1M/B
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
RS1
A/AB
RS1
B/BB
RS1
D/DB
RS1
G/GB
RS1
J/JB
RS1
K/KB
RS1
M/MB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 4)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 120°CIO
1.0
A
Non-Repetitive Peak Forward Surge Current, 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 5)
RθJT
20
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
RS1
A/AB
RS1
B/BB
RS1
D/DB
RS1
G/GB
RS1
J/JB
RS1
K/KB
RS1
M/MB
Unit
Forward Voltage Drop
@ IF = 1.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 4)
@ TA = 125°C
IRM
5.0
200
µA
Reverse Recovery Time (Note 6)
trr
150
250
500
ns
Typical Total Capacitance (Note 7)
CT
15
pF
Notes:
4. Short duration pulse test used to minimize self-heating effect.
5. Valid provided that terminals are kept at ambient temperature.
6. Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
7. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
0
0.4
1.2
25
50
75
100
125
150
175
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
0.2
0.6
0.8
1.0
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
J
o


Similar Part No. - RS1B-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS1B-13-F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1JDFQ DIODES-RS1JDFQ Datasheet
466Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com