Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS114 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74LS114
Description  Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS114 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74LS114 Datasheet HTML 1Page - Hitachi Semiconductor HD74LS114 Datasheet HTML 2Page - Hitachi Semiconductor HD74LS114 Datasheet HTML 3Page - Hitachi Semiconductor HD74LS114 Datasheet HTML 4Page - Hitachi Semiconductor HD74LS114 Datasheet HTML 5Page - Hitachi Semiconductor HD74LS114 Datasheet HTML 6Page - Hitachi Semiconductor HD74LS114 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74LS114

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS114 HITACHI-HD74LS114 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS114 RENESAS-HD74LS114 Datasheet
202Kb / 9P
   Dual J-K Negative-edge-triggered Flip-Flops (with Preset, Common Clear and Common Clock)
More results

Similar Description - HD74LS114

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS114 RENESAS-HD74LS114 Datasheet
202Kb / 9P
   Dual J-K Negative-edge-triggered Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Texas Instruments
SN54ALS114A TI1-SN54ALS114A Datasheet
75Kb / 4P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET, COMMON CLEAR AND COMMON CLOCK
SN74HC114 TI-SN74HC114 Datasheet
188Kb / 4P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET, COMMON CLEAR, AND COMMON CLOCK
SN54LS114A TI-SN54LS114A Datasheet
240Kb / 8P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET, COMMON CLEAR, AND COMMON CLOCK
logo
Hitachi Semiconductor
HD74HC78 HITACHI-HD74HC78 Datasheet
59Kb / 10P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74LS78A HITACHI-HD74LS78A Datasheet
71Kb / 6P
   Dual J-K Flip-Flops(with Preset, Common Clear, and Common Clock)
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Renesas Technology Corp
HD74HC78 RENESAS-HD74HC78_15 Datasheet
124Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Texas Instruments
SN54LS78A TI-SN54LS78A Datasheet
87Kb / 5P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
SN74H78 TI-SN74H78 Datasheet
353Kb / 8P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com