Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULW4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ULW4
Description  UL Recognised Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULW4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ULW4 Datasheet HTML 1Page - List of Unclassifed Manufacturers ULW4 Datasheet HTML 2Page - List of Unclassifed Manufacturers ULW4 Datasheet HTML 3Page - List of Unclassifed Manufacturers ULW4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Welwyn Components
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0)1670 822181 · Facsimile: +44 (0)1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
03. 09
UL Recognised Wirewound Resistors
ULW Series
Application Notes
Application Notes
1. If the resistors are to dissipate full rated power, it is recommended that the terminations should not be
soldered closer than 4mm from the body.
2. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. An
estimate of the temperature rise to be expected can be calculated using the thermal impedance figures
given under Electrical Data.
3. For the purposes of UL approval, the following points should be observed:
3.1 To protect against fire under all conditions of overload, a positive clearance of at least
13mm should be provided between the body of the resistor and any combustible materials.
3.2 A positive clearance of 13mm should be provided between the resistor body or terminations
and uninsulated parts of opposite polarity or uninsulated dead metal parts.
3.3 Limited Short Circuit testing should be performed in the complete appliance.
Packaging
The standard packaging for ULW is taped. The critical dimensions are shown in Figure 1. The component wires will not protrude beyond the outside
edge of the tapes. Taped product is then packed into ammo boxes. Alternative packaging is available by request. Pre-formed resistors are supplied
loose packed in plastic bags or boxes. For SMD leadformed option, see the Z-form datasheet.
Dimensions (mm)
Type
b
C
ULW2
52
5
ULW3
67
10
ULW4
63
10
Ordering Procedure
Example: ULW2 at 33 ohms and 5% tolerance in ammo pack box of 2500 pieces -
U L W 2 – 3 3 R J
A25
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
Packing
A25
Ammo
ULW2
2500/box
Standard
A1
ULW3, ULW4
1000/box
J
5%
f1
f2
6
6
C
F
Body location f1 - f2 <1.4mm
Figure 1
b


Similar Part No. - ULW4

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
ULW4 WELWYN-ULW4 Datasheet
269Kb / 4P
   UL Recognised Wirewound Resistors
logo
TT Electronics.
ULW4 TTELEC-ULW4 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
ULW4-33RJA1 TTELEC-ULW4-33RJA1 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
ULW4-33RJA25 TTELEC-ULW4-33RJA25 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
ULW4-33RJT075 TTELEC-ULW4-33RJT075 Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
More results

Similar Description - ULW4

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
ULW2 WELWYN-ULW2 Datasheet
269Kb / 4P
   UL Recognised Wirewound Resistors
logo
List of Unclassifed Man...
ULW2-22RJA25 ETC2-ULW2-22RJA25 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
ULW3-22RJA1 ETC2-ULW3-22RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
ULW3-33RJA1 ETC2-ULW3-33RJA1 Datasheet
481Kb / 5P
   UL Recognised Wirewound Resistors
logo
TT Electronics.
ULW TTELEC-ULW Datasheet
635Kb / 6P
   UL Recognised Wirewound Resistors
logo
List of Unclassifed Man...
ULW3-10RJA1 ETC2-ULW3-10RJA1 Datasheet
470Kb / 5P
   UL Recognised Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com