Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

484-10UTC-S400-A6 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 484-10UTC-S400-A6
Description  3 mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

484-10UTC-S400-A6 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  484-10UTC-S400-A6 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-06-05 14:24:08.0
Technical Data Sheet
3 mm Round LED (T-1 3/4 )
Electro-Optical Characteristics (Ta=25℃)
Luminous Intensity Combination (mcd at 20mA)
Measurement Uncertainty of Luminous Intensity: ±15%
Forward Voltage Combination (V at 20mA)
Measurement Uncertainty of Forward Voltage:±0.1V
Rev: 1
Page:
3 of 6
Established date:
Established by:
Li Hui
Everlight Electronics Co., Ltd.
http://www.everlight.com
Device Number:
DLE-0001553
2009/5/26
3.65
3.85
Min.
2.75
Max.
3.05
3.25
3.45
2.95
3.15
4
5
3.35
3.55
VF Ranks
1
2
3
Min.
39
56
78
--
y
--
0.28
--
--
0.29
--
IF=20mA
Chromaticity
Coordinates
x
--
mcd
Viewing Angle
1/2
IF=20mA
--
120
--
deg
--
332
V
--
50
uA
3.85
Reverse Current
IR
VR=5V
--
IF=20mA
--
Typ.
Max.
Parameter
Symbol
Condition
Units
484-10UTC/S400-A6
IV
Luminous Intensity
IF=20mA
39
2.75
Min.
Forward Voltage
VF
IV Ranks
T
U
V
Max.
62
87
122
Y
214
332
W
110
170
X
154
237


Similar Part No. - 484-10UTC-S400-A6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
More results

Similar Description - 484-10UTC-S400-A6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
LC374TWN1-25Q-A1 CREE-LC374TWN1-25Q-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWR1-35P-A1 CREE-LC374TWR1-35P-A1 Datasheet
351Kb / 6P
   3-mm Round LED
LC374TWN1-65P-A1 CREE-LC374TWN1-65P-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWN1-65Q-A1 CREE-LC374TWN1-65Q-A1 Datasheet
355Kb / 6P
   3-mm Round LED
C374T-WNS CREE-C374T-WNS Datasheet
422Kb / 8P
   3-mm Round LED
LC374TWN1-35Q-A1 CREE-LC374TWN1-35Q-A1 Datasheet
353Kb / 6P
   3-mm Round LED
LC374TWR1-35Q-A1 CREE-LC374TWR1-35Q-A1 Datasheet
358Kb / 6P
   3-mm Round LED
LC374TWR1-65Q-A1 CREE-LC374TWR1-65Q-A1 Datasheet
357Kb / 6P
   3-mm Round LED
LC374TWN1-35P-A1 CREE-LC374TWN1-35P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com