Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS132 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74LS132
Description  Quadruple 2-input Positive NAND Schmitt-triggers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS132 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74LS132 Datasheet HTML 1Page - Hitachi Semiconductor HD74LS132 Datasheet HTML 2Page - Hitachi Semiconductor HD74LS132 Datasheet HTML 3Page - Hitachi Semiconductor HD74LS132 Datasheet HTML 4Page - Hitachi Semiconductor HD74LS132 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-14
Conforms
Conforms
0.97 g
Unit: mm
7.62
0.25
0
° – 15°
19.20
20.32 Max
1
8
14
7
1.30
2.54
± 0.25
0.48
± 0.10
+ 0.10
– 0.05
2.39 Max


Similar Part No. - HD74LS132

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS132 HITACHI-HD74LS132 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS132 RENESAS-HD74LS132 Datasheet
89Kb / 7P
   Quadruple 2-Input Positive NAND Schmitt-triggers
HD74LS132FPEL RENESAS-HD74LS132FPEL Datasheet
89Kb / 7P
   Quadruple 2-Input Positive NAND Schmitt-triggers
HD74LS132P RENESAS-HD74LS132P Datasheet
89Kb / 7P
   Quadruple 2-Input Positive NAND Schmitt-triggers
HD74LS132RPEL RENESAS-HD74LS132RPEL Datasheet
89Kb / 7P
   Quadruple 2-Input Positive NAND Schmitt-triggers
More results

Similar Description - HD74LS132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54132 TI1-SN54132_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Renesas Technology Corp
HD74LS132 RENESAS-HD74LS132 Datasheet
89Kb / 7P
   Quadruple 2-Input Positive NAND Schmitt-triggers
logo
Texas Instruments
SN54132 TI-SN54132 Datasheet
362Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54132 TI-SN54132_07 Datasheet
928Kb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS132E AEROFLEX-UT54ACS132E Datasheet
133Kb / 7P
   Quadruple 2-Input NAND Schmitt Triggers
UT54ACS132 AEROFLEX-UT54ACS132 Datasheet
231Kb / 9P
   Quadruple 2-Input NAND Schmitt Triggers
logo
List of Unclassifed Man...
UT54ACS132 ETC1-UT54ACS132 Datasheet
34Kb / 4P
   Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers
logo
Texas Instruments
74AC11132 TI1-74AC11132 Datasheet
375Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT-TRIGGER
SN7413 TI1-SN7413 Datasheet
369Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN5413 TI-SN5413 Datasheet
374Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND SCHMITT TRIGGERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com