Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE8500295-4 Datasheet(PDF) 5 Page - NEC

Part # NE8500295-4
Description  2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE8500295-4 Datasheet(HTML) 5 Page - NEC

  NE8500295-4 Datasheet HTML 1Page - NEC NE8500295-4 Datasheet HTML 2Page - NEC NE8500295-4 Datasheet HTML 3Page - NEC NE8500295-4 Datasheet HTML 4Page - NEC NE8500295-4 Datasheet HTML 5Page - NEC NE8500295-4 Datasheet HTML 6Page - NEC NE8500295-4 Datasheet HTML 7Page - NEC NE8500295-4 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NE85002 SERIES
5
NE8500295-8
VDS = 10 V, IDS = 450 mA, VGS = –1.386 V, IG = 0.0 mA, RG = 1 k
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.971
–54.8
17.977
150.9
0.004
35.4
0.427
–155.9
0.500
0.937
–146.3
6.354
98.2
0.016
24.0
0.464
–172.3
1.000
0.934
–174.0
3.391
74.5
0.018
22.3
0.492
–178.9
1.500
0.947
170.9
2.382
56.2
0.020
20.8
0.513
177.4
2.000
0.939
158.3
1.869
40.3
0.026
28.1
0.534
173.3
2.500
0.921
153.8
1.473
27.7
0.023
22.7
0.573
169.5
3.000
0.906
145.4
1.335
15.9
0.027
20.9
0.592
168.1
3.500
0.887
137.0
1.272
2.7
0.034
19.9
0.603
165.7
3.600
0.886
135.1
1.264
–0.2
0.034
20.2
0.603
165.0
3.700
0.877
133.2
1.269
–2.7
0.036
19.4
0.601
164.4
3.800
0.876
131.3
1.267
–5.6
0.038
14.9
0.605
163.0
3.900
0.869
128.9
1.265
–8.6
0.040
15.7
0.605
161.8
4.000
0.866
126.2
1.252
–11.1
0.041
10.2
0.602
160.3
4.200
0.851
121.7
1.285
–16.2
0.040
8.7
0.586
159.0
4.400
0.840
116.7
1.322
–22.3
0.042
7.7
0.582
156.6
4.500
0.836
113.9
1.343
–25.5
0.044
6.0
0.583
155.2
4.600
0.832
111.6
1.365
–29.0
0.047
5.7
0.583
154.3
4.800
0.821
105.7
1.415
–35.8
0.050
2.0
0.585
152.1
5.000
0.805
98.8
1.483
–43.6
0.056
–4.1
0.592
149.2
5.200
0.783
91.8
1.549
–51.8
0.059
–9.0
0.604
146.3
5.400
0.752
83.9
1.631
–60.6
0.062
–16.2
0.620
144.1
5.500
0.734
80.2
1.658
–64.9
0.065
–18.9
0.628
142.8
5.600
0.714
76.1
1.703
–70.0
0.066
–23.4
0.641
141.5
5.800
0.656
67.3
1.791
–79.7
0.070
–32.0
0.666
139.5
6.000
0.587
57.4
1.893
–90.6
0.073
–41.5
0.695
138.7
6.200
0.494
45.8
1.997
–102.5
0.075
–51.6
0.729
136.6
6.400
0.374
31.5
2.096
–116.3
0.076
–63.3
0.769
134.6
6.500
0.303
23.5
2.124
–122.7
0.075
–69.9
0.788
133.4
6.600
0.229
13.6
2.155
–129.9
0.073
–76.8
0.809
132.3
6.800
0.079
–26.8
2.143
–145.1
0.067
–89.3
0.840
129.0
7.000
0.116
–152.8
2.078
–159.4
0.063
–101.5
0.874
125.7
7.200
0.240
–179.6
2.008
–171.7
0.056
–113.7
0.886
123.0
7.400
0.352
164.3
1.894
174.2
0.046
–126.4
0.887
118.2
7.500
0.394
158.7
1.824
167.5
0.042
–134.1
0.883
115.9
7.600
0.436
151.2
1.768
161.2
0.039
–142.6
0.886
113.5
7.800
0.497
139.2
1.663
149.3
0.030
–163.8
0.872
108.6
8.000
0.536
126.7
1.587
137.2
0.025
165.8
0.858
102.2
8.200
0.564
113.4
1.530
124.8
0.018
116.4
0.849
94.9
8.400
0.575
98.5
1.455
110.7
0.027
66.5
0.846
86.0
8.500
0.570
91.0
1.413
103.5
0.033
49.5
0.843
81.5
8.600
0.577
81.8
1.369
96.0
0.040
31.6
0.834
76.1
8.800
0.541
63.6
1.245
80.9
0.058
–0.7
0.814
67.1
9.000
0.497
45.2
1.105
66.6
0.069
–26.2
0.773
59.8
9.200
0.439
27.2
0.960
53.7
0.073
–47.4
0.740
54.6
9.400
0.381
12.6
0.829
43.5
0.065
–60.9
0.730
53.4
9.500
0.354
3.8
0.787
38.6
0.067
–59.8
0.747
51.7
9.600
0.344
–4.1
0.736
33.3
0.073
–63.3
0.741
49.9
9.800
0.287
–19.2
0.655
25.2
0.074
–83.8
0.718
47.3
10.000
0.288
–34.5
0.622
17.0
0.068
–86.2
0.712
46.8


Similar Part No. - NE8500295-4

ManufacturerPart #DatasheetDescription
logo
NEC
NE8500295-4 NEC-NE8500295-4 Datasheet
60Kb / 6P
   2 WATT C-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE8500295-4 CEL-NE8500295-4 Datasheet
61Kb / 6P
   2 WATT C-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE8500295-4 RENESAS-NE8500295-4 Datasheet
207Kb / 10P
   GaAs MES FET
1996
More results

Similar Description - NE8500295-4

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com