Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCB05-250-RC Datasheet(PDF) 1 Page - Allied Components International

Part # HCB05-250-RC
Description  High Current Beads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HCB05-250-RC Datasheet(HTML) 1 Page - Allied Components International

  HCB05-250-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 09/22/2014
HCB03 thru 05
High Current Beads
HCB05
HCB03
0.039±0.006
(0.99±0.15)
0.020±0.006
(0.51±0.15)
0.020±0.006
(0.51±0.15)
0.010±0.006
(0.25±0.15)
0.016
(0.41)
0.016
(0.41)
0.018
(0.46)
0.063±0.008
(1.60±0.20)
0.031±0.006
(0.79±0.15)
0.031±0.006
(0.79±0.15)
0.016±0.008
(0.41±0.20)
0.031
(0.79)
0.041
(1.04)
0.023
(0.58)
Dimensions:
Inches
(mm)
HCB03-100-RC
HCB03-300-RC
HCB03-600-RC
HCB03-800-RC
HCB03-121-RC
HCB05-100-RC
HCB05-190-RC
HCB05-200-RC
HCB05-220-RC
HCB05-121-RC
HCB05-151-RC
HCB05-181-RC
HCB05-201-RC
HCB05-301-RC
HCB05-501-RC
HCB05-601-RC
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
Rated
Current
(mA)
10
30
60
80
120
10
19
20
22
120
150
180
200
300
500
600
HCB05
0.03
0.05
.075
0.09
0.09
0.02
0.03
0.03
0.03
0.08
.085
.090
.095
0.12
0.15
0.20
2000
1700
1500
1200
1200
4000
3000
3000
3000
2500
2000
2000
2000
1500
1200
1000
HCB03
All specifications subject to change without notice.
HCB05-102-RC
1000
0.25
800
HCB05-110-RC
11
0.02
4000
HCB05-150-RC
HCB05-170-RC
15
17
0.03
0.03
3000
3000
HCB05-250-RC
25
0.03
3000
HCB05-300-RC
HCB05-310-RC
HCB05-320-RC
30
31
32
0.03
0.03
.035
3000
3000
3000
HCB05-330-RC
33
.035
3000
HCB05-400-RC
HCB05-600-RC
HCB05-680-RC
HCB05-700-RC
40
60
68
70
.035
0.04
0.05
0.05
3000
3000
2500
2500
HCB05-470-RC
47
0.04
3000
HCB05-500-RC
HCB05-560-RC
50
56
0.04
0.04
3000
3000
HCB05-750-RC
75
0.05
2500
HCB05-800-RC
HCB05-900-RC
HCB05-101-RC
80
90
100
0.05
0.05
0.05
2500
2500
2500
HCB05-221-RC
HCB05-241-RC
220
240
0.10
0.12
2000
1500
HCB05-331-RC
HCB05-471-RC
330
470
0.12
0.15
1500
1500
HCB05-401-RC
HCB05-451-RC
400
450
0.12
0.15
1500
1500
HCB05-751-RC
HCB05-801-RC
750
800
0.25
0.25
800
800
HCB05-701-RC
0.25
800
700
HCB05-152-RC
1500
0.40
500
Electrical
Impedance Range:
HCB03 10Ω to 1000Ω
Tolerance: 25% over entire range
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: HCB03 - 10000 per 7 inch reel.
HCB05 - 4000 per 7 inch reel.
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Temp: -55ºC ~ +125ºC
Rate Current: Based on temp rise not to exceed 30ºC
Rate current is derated as indicated below based on
operating temp.
Features
• 0402 & 0603 Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• High current capacity
• Wide range of impedance values
• Multi layer technology
• Low DCR
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity
HCB05 10Ω to 1500Ω
HCB03-151-RC
150
0.14
900
HCB03-221-RC
HCB03-601-RC
220
600
0.18
0.34
580
420
HCB03-102-RC
1000
0.49
350


Similar Part No. - HCB05-250-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HCB05-250-RC ALLIED-HCB05-250-RC Datasheet
1Mb / 1P
   High Current Beads
HCB05-250-RC ALLIED-HCB05-250-RC Datasheet
837Kb / 1P
   High Current Beads
More results

Similar Description - HCB05-250-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HCB03-100-RC ALLIED-HCB03-100-RC Datasheet
1Mb / 1P
   High Current Beads
HCB20-070-RC ALLIED-HCB20-070-RC Datasheet
829Kb / 1P
   High Current Beads
HSB10 ALLIED-HSB10 Datasheet
467Kb / 1P
   High Current Beads
HCB05 ALLIED-HCB05 Datasheet
837Kb / 1P
   High Current Beads
HCB10 ALLIED-HCB10 Datasheet
886Kb / 1P
   High Current Beads
HCB20-50 ALLIED-HCB20-50 Datasheet
386Kb / 1P
   High Current Beads
HCB05KF ALLIED-HCB05KF Datasheet
1Mb / 3P
   High Current Beads
HCB10-050-RC ALLIED-HCB10-050-RC Datasheet
1Mb / 1P
   High Current Beads
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y Datasheet
1Mb / 8P
   High Current Chip Ferrite Beads
logo
Vishay Siliconix
ILHB1206ER500V VISHAY-ILHB1206ER500V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com