Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRHQ30 Datasheet(PDF) 1 Page - Allied Components International

Part # LRHQ30
Description  Low Resistance High Q Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LRHQ30 Datasheet(HTML) 1 Page - Allied Components International

  LRHQ30 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LRHQ30 Low Resistance High Q Chip Inductors
Allied
Part
Number
Inductance
(
µh)
Rated
Current
(A)Max
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
(
Ω)
L/QTest
Freq.
1.0
1.5
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
120
85
62
53
47
41
38
33
31
27
23
21
19
17
15
14
12
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
.45
.45
.40
.38
.38
.34
.32
.30
.27
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
LRHQ30-1R0M-RC
LRHQ30-1R5M-RC
LRHQ30-2R2M-RC
LRHQ30-2R7M-RC
LRHQ30-3R3M-RC
LRHQ30-3R9M-RC
LRHQ30-4R7M-RC
LRHQ30-5R6M-RC
LRHQ30-6R8M-RC
LRHQ30-8R2M-RC
LRHQ30-100K-RC
LRHQ30-120K-RC
LRHQ30-150K-RC
LRHQ30-180K-RC
LRHQ30-220K-RC
LRHQ30-270K-RC
LRHQ30-330K-RC
20
20
20
20
20
20
20
20
20
20
10
10
10
10
10
10
10
0.20
0.30
0.30
0.32
0.35
0.38
0.40
0.47
0.50
0.56
0.56
0.62
0.73
0.82
0.94
1.10
1.20
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
39
47
56
68
11
10
9.3
8.4
.24
.22
.20
.18
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
LRHQ30-390K-RC
LRHQ30-470K-RC
LRHQ30-560K-RC
LRHQ30-680K-RC
10
10
10
10
1.40
1.50
1.70
1.90
All specifications subject to change without notice.
REVISED 12/11/08
1.2
100
0.5
1MHz/1MHz
LRHQ30-1R2M-RC
20
0.20
1.8
75
0.5
1MHz/1MHz
LRHQ30-1R8M-RC
20
0.30
82
120
150
180
220
270
330
390
470
560
680
820
1000
1200
7.5
6.2
5.5
5.0
4.5
4.0
3.6
3.3
3.0
2.7
2.5
2.2
2.0
1.8
.17
.15
.13
.12
.11
.10
.095
0.09
0.08
0.07
.065
.050
.045
1MHz/1MHz
1MHz/.796MHz
1MHz/.796MHz
1MHz/.796MHz
1MHz/.796MHz
1MHz/.796MHz
1MHz/.796MHz
1MHz/.796MHz
1KHz/.796MHz
1KHz/.796MHz
1KHz/.796MHz
1KHz/.796MHz
1KHz/.252MHz
1KHz/.252MHz
LRHQ30-820K-RC
LRHQ30-121K-RC
LRHQ30-151K-RC
LRHQ30-181K-RC
LRHQ30-221K-RC
LRHQ30-271K-RC
LRHQ30-331K-RC
LRHQ30-391K-RC
LRHQ30-471K-RC
LRHQ30-561K-RC
LRHQ30-681K-RC
LRHQ30-821K-RC
LRHQ30-102K-RC
LRHQ30-122K-RC
10
10
10
10
10
10
10
10
10
10
10
10
10
10
2.20
3.00
3.70
4.50
5.40
6.80
8.20
9.70
11.8
14.5
17.5
20.5
25.0
30.0
1500
1800
2200
1.6
1.5
1.3
0.04
0.03
1KHz/.252MHz
1KHz/.252MHz
1KHz/.252MHz
LRHQ30-152K-RC
LRHQ30-182K-RC
LRHQ30-222K-RC
10
10
10
37.0
45.0
50.0
100
6.8
.16
1MHz/.796MHz
LRHQ30-101K-RC
10
2.50
.035
.060
Q
Min.
20
20
20
20
20
20
30
30
30
30
35
35
35
35
35
35
35
35
35
35
35
20
20
35
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
Dimensions:
Inches
(mm)
Features
• Miniture chip inductor wound on
• Wide inductance range
• Low DC resistance
Electrical
Inductance Range:
Tolerance: 20% over entire range also
Operating Temp: -25ºC ~ +85ºC
Rated Current: Max temperature rise
35ºC. Inductance drop 10% typ.
Physical
Packaging: 500 pieces per 7 inch reel.
1µh ~ 2200µh
Resistance to Soldering Heat
Solder Composition:
Solder Temp: 260ºC ± 5ºC for 10 sec.
Pre-Heat 150ºC, 1 minute.
Sn/Ag3.0/Cu0.5
Test Equipment
(L/Q): HP4192A
(RDC): Chen Hwa 502BC
Rated Current: HP4284A + HP42841A
Marking: EIA Inductance Code
available in tighter tolerances
(SRF): HP4286A
L/Q: Test OSC @ 1V
• High Q value at high frequencies
special ferrite core


Similar Part No. - LRHQ30

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRHQ30-100K-RC ALLIED-LRHQ30-100K-RC Datasheet
485Kb / 1P
   Low Resistance High Q Chip Inductors
LRHQ30-101K-RC ALLIED-LRHQ30-101K-RC Datasheet
485Kb / 1P
   Low Resistance High Q Chip Inductors
LRHQ30-102K-RC ALLIED-LRHQ30-102K-RC Datasheet
485Kb / 1P
   Low Resistance High Q Chip Inductors
LRHQ30-120K-RC ALLIED-LRHQ30-120K-RC Datasheet
485Kb / 1P
   Low Resistance High Q Chip Inductors
LRHQ30-121K-RC ALLIED-LRHQ30-121K-RC Datasheet
485Kb / 1P
   Low Resistance High Q Chip Inductors
More results

Similar Description - LRHQ30

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRHQ30-1R0M-RC ALLIED-LRHQ30-1R0M-RC Datasheet
485Kb / 1P
   Low Resistance High Q Chip Inductors
LRHQ20-R10M-RC ALLIED-LRHQ20-R10M-RC Datasheet
473Kb / 1P
   Low Resistance High Q Chip Inductors
LRHQ20 ALLIED-LRHQ20 Datasheet
479Kb / 1P
   Low Resistance High Q Chip Inductors
LRC20L ALLIED-LRC20L Datasheet
705Kb / 1P
   Low Resistance Chip Inductors
LRC10-R12M-RC ALLIED-LRC10-R12M-RC Datasheet
718Kb / 1P
   Low Resistance Chip Inductors
LRC20-1R0M-RC ALLIED-LRC20-1R0M-RC Datasheet
748Kb / 1P
   Low Resistance Chip Inductors
LRC30-1R0M-RC ALLIED-LRC30-1R0M-RC_10 Datasheet
769Kb / 1P
   Low Resistance Chip Inductors
LRC10 ALLIED-LRC10 Datasheet
748Kb / 1P
   Low Resistance Chip Inductors
LRC40-R12M-RC ALLIED-LRC40-R12M-RC Datasheet
797Kb / 1P
   Low Resistance Chip Inductors
LRC20 ALLIED-LRC20 Datasheet
779Kb / 1P
   Low Resistance Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com