Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFC03-56NJ-RC Datasheet(PDF) 1 Page - Allied Components International

Part # HFC03-56NJ-RC
Description  High Frequency Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HFC03-56NJ-RC Datasheet(HTML) 1 Page - Allied Components International

  HFC03-56NJ-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
0.10
0.10
0.10
0.10
0.15
0.15
0.15
0.20
0.20
0.20
0.30
0.35
0.40
0.50
0.55
0.70
0.80
1.00
1.20
1.30
1.50
1.70
IDC
Max.
(mA)
Additional Inductance values available upon request.
Allied
Part
Number
Inductance
(nh)
Tolerance
(%)
Q
Typical
@100MHz
SRF
(MHz)
DCR
Max.
(
Ω)
Q
Typical
@800MHz
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
8.2
10
12
15
18
22
27
33
39
47
56
68
9
9
10
10
10
11
11
11
11
11
12
12
12
12
12
12
12
10
10
9
10
10
10000
10000
9000
8700
8100
7700
6300
6100
5400
5100
4100
3900
3000
2600
2350
2000
1900
1700
1600
1300
1250
1000
400
400
400
400
400
400
400
400
400
400
300
300
300
300
300
300
300
200
150
150
150
100
28
28
28
28
29
30
30
31
31
31
32
32
31
30
29
28
27
25
25
22
21
15
HFC03 High Frequency Chip Inductors
Physical
Packaging: 10000 pieces per 7 inch reel.
HFC03-1N0S-RC
HFC03-1N2S-RC
HFC03-1N5S-RC
HFC03-1N8S-RC
HFC03-2N2S-RC
HFC03-2N7S-RC
HFC03-3N3J-RC
HFC03-3N9J-RC
HFC03-4N7J-RC
HFC03-5N6J-RC
HFC03-8N2J-RC
HFC03-10NJ-RC
HFC03-12NJ-RC
HFC03-15NJ-RC
HFC03-18NJ-RC
HFC03-22NJ-RC
HFC03-27NJ-RC
HFC03-33NJ-RC
HFC03-39NJ-RC
HFC03-47NJ-RC
HFC03-56NJ-RC
HFC03-68NJ-RC
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
Dimensions:
Inches
(mm)
0.039±0.004
(1.0±0.10)
0.020±0.004
(0.51±0.10)
0.016
(0.41)
0.016
(0.41)
0.010±0.004
(0.25±0.10)
0.020±0.004
(0.5±0.10)
@100MHz
Typical
5
5
1.80
2.00
82
100
9
9
900
850
100
100
13
3
HFC03-82NJ-RC
HFC03-100NJ-RC
All specifications subject to change without notice
.
Features
• 0402 EIA size for high board density
applications.
• Excellent Q and SRF characteristics
• Cost effective monolithic construction
for high frequency applications.
Electrical
Inductance range: 1.0nh to 100nh
Tolerance: use S for ± .3nh, J for 5%,
K for 10%
Test Frequency: Inductance and Q
tested at 100MHz, 200mv with HP4291A
Inductance vs Freq. Characteristics
measured on HP4291A
Q vs Frequency Characteristics
measured on HP4291A
SRF measured on HPE4991 & HP87530
DCR measured on Chen Hwa CH502BC
Mechanical
Test Condition: Pre heat:150ºC. 1min.
Solder composition:
Solder temp: 245ºC±5ºC (pb Free)
Immersion time: 4 ± 1 sec.
No damage to part
Pre heat: 150ºC. 1min.
Solder composition:
Sn/Ag3.0/Cu.0.5 (Pb free)
Solder temp: 260ºC±5ºC (pb Free)
Immersion time: 10 ± 1 sec.
Solderability: 90% terminal coverage
Resistance to solder heat:
Sn/Ag3.0/Cu.0.5 (Pb free)
REVISED 09/25/2014
Test Condition
Operating Temperature: -55ºC-125ºC
Storage Temperature: Under 25ºC,
Humidty 40% - 65%
Impedance Analyzer
or HP4338B
HFC03-3N6J-RC
3.6
5
11
30
6100
0.15
400
HFC03-4N3J-RC
4.3
5
11
31
5400
0.20
400
HFC03-6N8J-RC
6.8
5
11
33
4550
0.25
400
0.3nH
0.15
2.4
10
7700
400
29
HFC03-2N4S-RC
0.3nH
0.15
3.0
11
6300
400
30
HFC03-3N0S-RC
0.3nH
0.10
2.0
10
8100
400
29
HFC03-2N0S-RC


Similar Part No. - HFC03-56NJ-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HFC03-56NJ-RC ALLIED-HFC03-56NJ-RC Datasheet
366Kb / 1P
   High Frequency Chip Inductors
More results

Similar Description - HFC03-56NJ-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HFC05-1N0S-RC ALLIED-HFC05-1N0S-RC Datasheet
410Kb / 1P
   High Frequency Chip Inductors
HFC10-1N0S-RC ALLIED-HFC10-1N0S-RC Datasheet
364Kb / 1P
   High Frequency Chip Inductors
HFC03SM ALLIED-HFC03SM Datasheet
430Kb / 1P
   High Frequency Chip Inductors
HFC05 ALLIED-HFC05 Datasheet
379Kb / 1P
   High Frequency Chip Inductors
HFC03-0N2S-RC ALLIED-HFC03-0N2S-RC Datasheet
366Kb / 1P
   High Frequency Chip Inductors
logo
PCA ELECTRONICS INC.
EPICF100505 PCA-EPICF100505 Datasheet
47Kb / 3P
   High Frequency Chip Inductors
logo
EXCEL CELL ELECTRONIC C...
EFH ECE-EFH Datasheet
188Kb / 5P
   HIGH FREQUENCY MULTILAYER CHIP INDUCTORS
EWH ECE-EWH Datasheet
194Kb / 6P
   HIGH FREQUENCY WOUND CHIP INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com