Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39484-0006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39484-0006
Description  4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 6 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39484-0006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39484-0006 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39484-0006
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 6 Circuits
Documents:
3D Model
Product Specification PS-39484-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39484
Application
N/A
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Type
Euro Block
UPC
883906382889
Physical
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Entry Angle
Vertical (Top Entry)
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PCB Retention
None
Panel Mount
No
Pitch - Mating Interface
4.00mm
Pitch - Termination Interface
4.00mm
Polarized to Mating Part
Yes
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +140°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39484-001
Sales Drawing
SD-39484-001
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39484Series
Mates With
39485 4.00mm Pitch Tin Plated PCB
Headers
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39484-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39484-0006 MOLEX-39484-0006 Datasheet
702Kb / 2P
   Positive-Locking Terminal Block System
More results

Similar Description - 39484-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39484-0004 MOLEX11-39484-0004 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 4 Circuits
39484-0008 MOLEX11-39484-0008 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 8 Circuits
39484-0002 MOLEX11-39484-0002 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 2 Circuits
39484-0009 MOLEX11-39484-0009 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 9 Circuits
39484-0012 MOLEX11-39484-0012 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 12 Circuits
39484-0003 MOLEX11-39484-0003 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 3 Circuits
39484-0005 MOLEX11-39484-0005 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 5 Circuits
39484-0007 MOLEX11-39484-0007 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 7 Circuits
39484-0010 MOLEX11-39484-0010 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 10 Circuits
39484-0011 MOLEX11-39484-0011 Datasheet
37Kb / 1P
   4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 11 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com