Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS160A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 74LS160A
Description  Synchronous Decade Counters(direct clear)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74LS160A Datasheet(HTML) 6 Page - Hitachi Semiconductor

  74LS160A Datasheet HTML 1Page - Hitachi Semiconductor 74LS160A Datasheet HTML 2Page - Hitachi Semiconductor 74LS160A Datasheet HTML 3Page - Hitachi Semiconductor 74LS160A Datasheet HTML 4Page - Hitachi Semiconductor 74LS160A Datasheet HTML 5Page - Hitachi Semiconductor 74LS160A Datasheet HTML 6Page - Hitachi Semiconductor 74LS160A Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DN
Conforms
Conforms
0.15 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
1.27
16
9
1
8
0.15
0.25 M
9.9
0
° – 8°
10.3 Max
+ 0.10
– 0.30
6.10
+ 0.67
– 0.20
0.60
*0.42
± 0.08
0.635 Max
0.40
± 0.06
1.08


Similar Part No. - 74LS160A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS160A ONSEMI-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
74LS160A TI-74LS160A Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
More results

Similar Description - 74LS160A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS162A HITACHI-HD74LS162A Datasheet
114Kb / 7P
   Synchronous Decade Counters(synchronous clear)
logo
Renesas Technology Corp
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
   Synchronous Decade Counter (direct clear)
HD74HC160 RENESAS-HD74HC160 Datasheet
159Kb / 15P
   Synchronous Decade Counter (Direct Clear)
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LS161A HITACHI-HD74LS161A Datasheet
106Kb / 7P
   Synchronous 4-bit Binary Counters(direct clear)
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
logo
Hitachi Semiconductor
HD74LS668 HITACHI-HD74LS668 Datasheet
103Kb / 7P
   Synchronous Up/Down Decade Counters
logo
Renesas Technology Corp
HD74LS162A RENESAS-HD74LS162A Datasheet
201Kb / 11P
   Synchronous Decade Counter (synchronous clear)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com