Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS166A Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74LS166A
Description  8-bit Shift Registers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS166A Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74LS166A Datasheet HTML 1Page - Hitachi Semiconductor HD74LS166A Datasheet HTML 2Page - Hitachi Semiconductor HD74LS166A Datasheet HTML 3Page - Hitachi Semiconductor HD74LS166A Datasheet HTML 4Page - Hitachi Semiconductor HD74LS166A Datasheet HTML 5Page - Hitachi Semiconductor HD74LS166A Datasheet HTML 6Page - Hitachi Semiconductor HD74LS166A Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74LS166A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS166A RENESAS-HD74LS166A Datasheet
101Kb / 8P
   8-bit Shift Register
HD74LS166AP RENESAS-HD74LS166AP Datasheet
101Kb / 8P
   8-bit Shift Register
More results

Similar Description - HD74LS166A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54198 TI-SN54198 Datasheet
394Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
   8-bit Shift Registers
logo
Texas Instruments
SN5491A TI-SN5491A Datasheet
204Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Aeroflex Circuit Techno...
UT54ACS164E AEROFLEX-UT54ACS164E Datasheet
158Kb / 9P
   8-Bit Shift Registers
logo
Motorola, Inc
SN54LS166 MOTOROLA-SN54LS166 Datasheet
106Kb / 4P
   8-BIT SHIFT REGISTERS
logo
Texas Instruments
SN74AHC595 TI1-SN74AHC595_15 Datasheet
1,021Kb / 29P
[Old version datasheet]   8-Bit Shift Registers
logo
Aeroflex Circuit Techno...
UT54ACS164 AEROFLEX-UT54ACS164 Datasheet
246Kb / 10P
   8-Bit Shift Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com