Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC0503-470M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PC0503-470M-RC
Description  Power Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PC0503-470M-RC Datasheet(HTML) 1 Page - Allied Components International

  PC0503-470M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC0503 Power Chip Inductors
1.0
.03
7.96MHz
Allied
Part
Number
Inductance
(
µh)
PC0503-1R0M-RC
RDC
(Ω) Max.
Tolerance
(%)
IDC
(
A )
Test Freq.
1v
20
4.50
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
REVISED 12/11/08
1.2
.03
7.96MHz
PC0503-1R2M-RC
20
4.20
1.5
.03
7.96MHz
PC0503-1R5M-RC
20
4.10
1.8
.03
7.96MHz
PC0503-1R8M-RC
20
3.70
.03
7.96MHz
PC0503-2R0M-RC
3.60
2.7
.04
7.96MHz
PC0503-2R7M-RC
20
3.20
3.3
.05
7.96MHz
PC0503-3R3M-RC
20
2.80
3.9
.06
7.96MHz
PC0503-3R9M-RC
20
2.60
2.0
20
4.7
.07
7.96MHz
PC0503-4R7M-RC
20
2.50
5.6
.08
7.96MHz
PC0503-5R6M-RC
20
2.40
6.8
.09
7.96MHz
PC0503-6R8M-RC
20
2.20
8.2
.10
7.96MHz
PC0503-8R2M-RC
20
2.00
.12
2.52MHz
PC0503-100M-RC
1.80
12
.13
2.52MHz
PC0503-120M-RC
20
1.75
15
.15
2.52MHz
PC0503-150M-RC
20
1.70
18
.18
2.52MHz
PC0503-180M-RC
20
1.60
10
20
22
.22
2.52MHz
PC0503-220M-RC
20
1.50
27
.26
2.52MHz
PC0503-270M-RC
20
1.40
33
.33
2.52MHz
PC0503-330M-RC
20
1.10
39
.42
2.52MHz
PC0503-390M-RC
20
1.00
.50
2.52MHz
PC0503-470M-RC
0.90
56
.55
2.52MHz
PC0503-560M-RC
20
0.85
68
.65
2.52MHz
PC0503-680M-RC
20
0.80
82
0.8
2.52MHz
PC0503-820M-RC
20
0.65
47
20
100
0.9
1KHz
PC0503-101M-RC
20
120
1.0
1KHz
PC0503-121M-RC
20
0.58
150
1.3
1KHz
PC0503-151M-RC
20
0.43
180
1.5
1KHz
PC0503-181M-RC
20
0.41
2.0
1KHz
PC0503-221M-RC
0.38
220
20
0.60
330
3.2
1KHz
PC0503-331M-RC
20
0.28
390
3.5
1KHz
PC0503-391M-RC
20
0.26
470
4.2
1KHz
PC0503-471M-RC
20
560
4.5
1KHz
PC0503-561M-RC
20
0.19
680
6.5
1KHz
PC0503-681M-RC
20
0.18
820
1KHz
PC0503-821M-RC
20
0.15
8.0
1KHz
PC0503-102M-RC
0.13
1000
20
0.20
.03
7.96MHz
PC0503-2R2M-RC
3.50
2.2
20
2.5
1KHz
PC0503-271M-RC
0.35
270
20
7.5
Dimensions:
Inches
(mm)
Features
• Unshielded SMD low cost design
• Accurate and consistent dimensions for
• Excellent for use in DC-DC converter
• High saturation for surface mounting
• Designed for high current applications
Electrical
Inductance Range: 1µh to 1000µh
Tolerance: 20% over entire range
Test Frequency: (L) as specified
Operating Temp: -40ºC ~ +85ºC
IDC: Current at which Inductance drops 10%
of original value with a
Resistance to Soldering Heat
Test Method: Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(L): HP4192A Impedence Analyzer
(DCR): Chen Hwa 502BC
(IDC): HP4284A with HP42841A or
CH1061 with CH301A
Physical
Packaging: 2000 pieces per 13 inch reel.
Marking:
EIA Inductance Code.
∆ T= 40ºC whichever
is lower.
auto insertion
application
Also available in tighter tolerances


Similar Part No. - PC0503-470M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC0503-470M-RC ALLIED-PC0503-470M-RC Datasheet
397Kb / 1P
   Power Chip Inductors
More results

Similar Description - PC0503-470M-RC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
   Power Chip Inductors
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com