Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCCV20-6R8M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCCV20-6R8M-RC
Description  SMD SEMI SHIELDED POWER CHIP INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCCV20-6R8M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCCV20-6R8M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SEMI SHIELDED POWER CHIP INDUCTOR
15
RDC
(Ω)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
04/04/13
MHz, 200mV
All specifications subject to change without notice.
Irms
PCCV20-1R0M-RC
1.0
20
1
95
1.488
Features
• Semi Magnetically Shielded
Electrical
Test Equipment
Physical
Packaging: 2K per Tape and reel
• High Current
Inductance Range: 1.0µh ~ 22µh (other
Tolerance: Available in 20%
Operating Temp: -40ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4287A + HP16197A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: As noted
PCCV20
Isat
1.488
Irms: Based on a temp rise of
T = 40ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCCV20-1R5M-RC
1.5
20
1
140
1.320
1.312
PCCV20-2R2M-RC
2.2
20
1
190
1.040
1.040
PCCV
20-3R3M-RC
3.3
20
1
295
0.784
0.768
PCCV20-4R7M-RC
4.7
20
1
360
0.720
0.672
PCCV20-6R8M-RC
6.8
20
1
640
0.560
0.528
PCCV20-100M-RC
10
20
1
1000
0.448
0.432
typical above Ambient Temp.
±30%
Marking
B
C
D
E
F
G
H
• Low Magnetic Radiation
(Max)
(Max)
• Ultra Low Profile only 1.02mm
Recommended Pattern
(A)
(A)
PCCV20-220M-RC
22
20
1
1700
0.320
0.304
I
Inductance vs. DC Current
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
DC Current(A)
100
220
6R8
4R7
3R3
2R2
1R0
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
DC Current(A)
100
220
1R0
2R2
3R3
4R7
6R8
Magnetic Resin
Dimensions:
Inches
(mm)
.063±0.1
(1.6±0.25)
.024
(0.6)
.041
(1.02)
.032
(0.8)
.032
(0.8)
.071
(1.8)
.032
(0.8)
MAX


Similar Part No. - PCCV20-6R8M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCCV22 ALLIED-PCCV22 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV22-100M-RC ALLIED-PCCV22-100M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV22-150M-RC ALLIED-PCCV22-150M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV22-1R5M-RC ALLIED-PCCV22-1R5M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV22-220M-RC ALLIED-PCCV22-220M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCCV20-6R8M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV32 ALLIED-PCFV32 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP42 ALLIED-PCHP42 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV35 ALLIED-PCFV35 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV42 ALLIED-PCFV42 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV22 ALLIED-PCCV22 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCSVLR80 ALLIED-PCSVLR80 Datasheet
410Kb / 1P
   SMD SEMI-SHIELDED POWER CHIP INDUCTOR
PCHP54 ALLIED-PCHP54 Datasheet
575Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV45 ALLIED-PCFV45 Datasheet
430Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV80 ALLIED-PCFV80 Datasheet
529Kb / 1P
   SMD Semi Shielded Power Chip Inductor
PCFV25 ALLIED-PCFV25 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com