Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCFV35-100M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCFV35-100M-RC
Description  SMD SEMI SHIELDED POWER CHIP INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCFV35-100M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCFV35-100M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SEMI SHIELDED POWER CHIP INDUCTOR
15
RDC
(Ω)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 04/22/14
MHz, 200mV
All specifications subject to change without notice.
Irms
PCFV35-R47M-RC
.47
20
1
0.036
3600
Features
• Semi Magnetically Shielded
Electrical
Test Equipment
Physical
Packaging: 2K per Tape and reel
• High Current
Inductance Range: .47µh ~ 33µh (other
Tolerance: Available in 20%
Operating Temp: -55ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4287A + HP16197A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: As noted
PCFV35
Isat
4230
Irms: Based on a temp rise of
T = 40ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCFV35-1R0M-RC
1.0
20
1
0.054
2700
3060
PCFV35-1R5M-RC
1.5
20
1
0.063
2340
2700
PCFV35-2R2M-RC
2.2
20
1
0.090
1800
2070
PCFV35-3R3M-RC
3.3
20
1
0.125
1620
1710
PCFV35-4R7M-RC
4.7
20
1
0.170
1360
1420
PCFV35-6R8M-RC
6.8
20
1
0.235
1170
1200
PCFV35-100M-RC
10
20
1
0.360
900
950
typical above Ambient Temp.
±30%
Marking
R47
PCFV35-150M-RC
15
20
1
0.550
720
810
PCFV35-220M-RC
22
20
1
0.770
580
680
1R5
1R0
2R2
3R3
4R7
6R8
100
150
220
• Ultra Low Profile
(Max)
(Max)
(mA)
(mA)
PCFV35-330M-RC
33
20
1
0.770
540
580
330
Dimensions:
Inches
(mm)
Recommended Pattern
.118±.008
(3.0±0.2)
.039
(1.0)
.059
(1.5)
.05
(1.1)
.05
(1.1)
.13
(3.2)
.04
(1.0)
MAX
TYP


Similar Part No. - PCFV35-100M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV30 ALLIED-PCFV30 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV30-100M-RC ALLIED-PCFV30-100M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV30-150M-RC ALLIED-PCFV30-150M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV30-1R5M-RC ALLIED-PCFV30-1R5M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV30-220M-RC ALLIED-PCFV30-220M-RC Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCFV35-100M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV32 ALLIED-PCFV32 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP42 ALLIED-PCHP42 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV42 ALLIED-PCFV42 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV22 ALLIED-PCCV22 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCSVLR80 ALLIED-PCSVLR80 Datasheet
410Kb / 1P
   SMD SEMI-SHIELDED POWER CHIP INDUCTOR
PCHP54 ALLIED-PCHP54 Datasheet
575Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV45 ALLIED-PCFV45 Datasheet
430Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV80 ALLIED-PCFV80 Datasheet
529Kb / 1P
   SMD Semi Shielded Power Chip Inductor
PCFV25 ALLIED-PCFV25 Datasheet
1Mb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com