Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCHC60-3R9M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC60-3R9M-RC
Description  Power Chip High Current Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC60-3R9M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC60-3R9M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCHC60
Power Chip High Current Inductors
Features
• Designed for high current, low voltage
DC to DC converter applications
• Current ratings up to 15Arms and
saturation current up to 30A
• Extremely low DCR
• Provided in tape and reel packaging for
pick and place assembly
Electrical
Inductance Range: .78
µh to 15µh.
Tolerance:
± 20% over the entire
inductance range.
Test Frequency: Inductance measured
at 100KHz, 0.1 Vrms. After soldering, push
Operating Temp. Range: i-40
° to +85°C.ll
Inductance Drop: 10% typically at the
rated Isat.0 to 2000) x 10 -6
°C.
Physical
Packaging: 250 pieces per 13 inch reel.
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µh)
PCHC60-R78M-RC
PCHC60-1R5M-RC
PCHC60-2R2M-RC
PCHC60-3R3M-RC
PCHC60-3R9M-RC
PCHC60-4R7M-RC
PCHC60-6R0M-RC
PCHC60-7R8M-RC
PCHC60-100M-RC
PCHC60-150M-RC
Irms
(A)
SRF
Reference
(MHz)
Tolerance
(%)
DCR
Max.
(m
Ω)
.78
1.5
2.2
3.3
3.9
4.7
6.0
7.8
10
15
Isat
(A)
20
20
20
20
20
20
20
20
20
20
156
100
75
60
55
40
35
35
28
20
2.6
4.0
6.1
8.6
10
14
17
18
26
32
30
25
20
17
15
13
12
11
10
8
15
15
12
10
9.0
8.4
7.5
7.5
6.0
4.4
0.880
(22.35)
MAX.
0.640
(16.26)
MAX.
0.300
(7.62)
0.500
(12.70)
MAX.
0.315
(8.00)
MAX.
0.110
(2.79)
0.340
(8.64)
0.565
(14.35)
0.125
(3.18)
Dimensions:
Inches
(mm)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Temperature Rise: T=40ºC rise
typical at Irms.
REVISED 10/9/09
Marking: Previously marked with 3 dot color
code system.


Similar Part No. - PCHC60-3R9M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC60-3R9M-RC ALLIED-PCHC60-3R9M-RC Datasheet
280Kb / 1P
   Power Chip High Current Inductors
More results

Similar Description - PCHC60-3R9M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC25-R56M-RC ALLIED-PCHC25-R56M-RC Datasheet
282Kb / 1P
   Power Chip High Current Inductors
PCHC25 ALLIED-PCHC25 Datasheet
601Kb / 1P
   Power Chip High Current Inductors
PCHC40-R33M-RC ALLIED-PCHC40-R33M-RC Datasheet
290Kb / 1P
   Power Chip High Current Inductors
PCHC60-R78M-RC ALLIED-PCHC60-R78M-RC Datasheet
280Kb / 1P
   Power Chip High Current Inductors
PCHC40 ALLIED-PCHC40 Datasheet
632Kb / 1P
   Power Chip High Current Inductors
LRC27HC ALLIED-LRC27HC Datasheet
1Mb / 1P
   High Current Chip Inductors
logo
Superworld Electronics
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
   HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
   HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
   High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
   High current power inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com