Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-62896 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-62896
Description  COMMON MODE EMI SUPPRESSION INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-62896 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-62896 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unless otherwise specified, all tolerances are ± .010
0,25
COMMON MODE EMI
SUPPRESSION INDUCTORS
A MAX
3mm Creepage
Spacer
1
2
PE-6291X
DATE CODE
COUNTRY OF ORIGIN
4
3
G MAX
E
MAX
F
MAX
D
C
B MAX
.200
5,08 MIN
NOTES: 1. Rated RMS current for 40°C rise at any input voltage.
2. Caution — do not exceed rated RMS current ratings.
3. To order a RoHS compliant part, add the suffix “NL” to the part number (i.e. PE-62891 becomes PE-62891NL).
Vertical Package
Low Profile Package
D
MIN
1
2
3
4
PE-6289X
(DATE CODE)
A
MAX
C
E
C
B
MAX
A
MAX
.200
5,08
MIN
Low profile or vertical mounting available
Windings balanced within one percent
For use in switching power supply input filter circuits
Dielectric strength 1250VRMS
Designed with 3.0mm minimum creep distance
between windings
Electrical Specifications @ 25°C— Operating Temperature -40° to +130° C
Dimensions: Inches
mm
Mechanicals
Schematic
Package
AB
C
D
E
Number
1
1.25
.600
1.00
.015
.900
31,75
15,24
25,40
0,38
22,86
2
1.50
.800
1.28
.010
1.083
38,10
20,32
32,51
0,25
27,50
Package
ABCD
E
F
G
Number
1
1.15
.560
.400
.800
.45
.015
1.15
29,21
14,22
10,15
20,32
11,43
0,38
29,21
2
1.44
.800
.600
.900
.70
.030
1.50
36,57
20,32
15,24
22,86
17,78
0,76
38,10
4
3
2
1
Rated
Load
Leakage
DCR
Lead Diameter
Low Profile
Vertical
RMS
VA2 at
Inductance Test Level
Inductance
Max. each
Package
Inches ±.003
Part
Mount Part
Current1
RMS Line
at 1kHz
Volts RMS
130kHz
WDG
Number
Low
Vertical
Number
Number
(Amps)
117 V
220 V
(mH MIN)
1.0 kHz
(µH MIN)
(
Ω)
Profile
Mount
PE-62891
PE-62911
1.8
210
420
10.0
0.50
130
0.240
1
0.032
0.032
PE-62892
PE-62912
3.5
400
800
3.0
0.20
35
0.060
1
0.032
0.032
PE-62893
PE-62913
6.0
700
1400
1.0
0.08
12
0.020
1
0.036
0.036
PE-62914
2.6
300
600
16.0
1.00
180
0.160
2
0.032
0.040
PE-62895
PE-62915
3.2
375
750
8.0
0.50
90
0.120
2
0.032
0.040
PE-62896
PE-62916
5.2
600
1200
4.0
0.20
45
0.040
2
0.036
0.036
PE-62897
PE-62917
7.5
875
1750
2.0
0.08
25
0.020
2
0.047
0.047
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China
Headquarters
No. 1
Industrial District
Changan, Dongguan
China
Tel: 86 769 85538070
Fax: 86 769 85538870
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 116
Fax: 49 7032 7806 135
www.pulseeng.com
P592.A (6/06)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - PE-62896

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-62896 PULSE-PE-62896 Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62896 PULSE-PE-62896 Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62896 PULSE-PE-62896 Datasheet
58Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
More results

Similar Description - PE-62896

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LFZ28V DELTA-LFZ28V Datasheet
45Kb / 1P
   EMI Common-Mode Suppression Inductors
logo
Pulse A Technitrol Comp...
PE-62916NL PULSE-PE-62916NL Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
logo
Datatronic Distribution...
PT22001 DATATRONICS-PT22001 Datasheet
97Kb / 1P
   Common Mode EMI Suppression Inductors
logo
Pulse A Technitrol Comp...
PE-62891 PULSE-PE-62891 Datasheet
58Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62893NL PULSE-PE-62893NL Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
logo
Datatronic Distribution...
PT27110 DATATRONICS-PT27110 Datasheet
92Kb / 1P
   Common Mode EMI Suppression Inductors (Open Construction)
logo
Rhombus Industries Inc.
L-489 RHOMBUS-IND-L-489 Datasheet
31Kb / 1P
   Common Mode EMI Suppression Inductor
logo
XFMRS Inc.
XF0013-VPCMC XFMRS-XF0013-VPCMC Datasheet
37Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTOR
XF0274-VPCMC XFMRS-XF0274-VPCMC_15 Datasheet
93Kb / 2P
   COMMON MODE EMI SUPPRESSION INDUCTOR
XF0013-VPCMC XFMRS-XF0013-VPCMC_15 Datasheet
37Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com