Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P010103 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010103
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010103 Datasheet(HTML) 1 Page - E-SWITCH

  P010103 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TLE1105CF160Q
10/3/2012
P010103
B
RC
1
1
P.C. LAYOUT
3
4
1
2
5
3
4
1
2
5
6.00
[.236 in]
SQ.
4.50
[.177 in]
7.90
[.311 in]
6.50
[.256 in]
.70
[.028 in]
8.00
[.315 in]
3.60
[.142 in]
4.10
[.161 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. TERM. NUMBERS FOR REF. ONLY.
4. RATING: 50mA @ 12VDC
5. OPERATING FORCE: 160`50gf
6. TRAVEL: 0.25 +0.2/-0.1MM
7. CONTACT RESISTANCE: 100 mW
W
W
W MAX.
8. CONTACT MATERIAL: SILVER
9. DIELECTRIC STRENGH: 250V RMS min.
10. INSULATION RESISTANCE: 100 MEGAW
W
W
W min.
11. ELECTRICAL LIFE: 100,000 CYCLES
12.
DENOTES CRITICAL PARAMETER.
13. OPERATING TEMP: -20°C TO 70°C
14. 2002/95/EC (ROHS) COMPLIANT
15. PACKAGE: POLYBAG/ 750 PIECES PER BAG
2
4
3
CIRCUIT: SPST
1
5
.30
[.012 in]
.30
[.012 in]
n1.00
[.039 in]
4.50
[.177 in]
6.50
[.256 in]
A
20807
RELEASED FOR PRODUCTION
10/03/12
RC
n1.00
[.039 in]
4.10
[.161 in]
.70
[.028 in]
ACTUATOR COLOR:
WHITE
B
20926
FIX COLORS, DIMS, CIRCUIT
12/14/12
EBP
BODY COLOR:
BLACK
n3.50
[.138 in]
.40 MAX
[.016 in]
3.50
[.138 in]
3.60
[.142 in]
4.50
[.177 in]
B
B
B
B
B
B
B
B
B
B


Similar Part No. - P010103

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010100 E-SWITCH-P010100 Datasheet
74Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
P010101 E-SWITCH-P010101 Datasheet
74Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
P010102 E-SWITCH-P010102 Datasheet
22Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
P010104 E-SWITCH-P010104 Datasheet
22Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
P010107 E-SWITCH-P010107 Datasheet
119Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010103

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com