Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39422-0002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39422-0002
Description  12.00mm Pitch Beau EuroMax Horizontal Plug, with Retention Screws, 2 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39422-0002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39422-0002 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/27/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39422-0002
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
12.00mm Pitch Beau™ EuroMax™ Horizontal Plug, with Retention Screws, 2 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39422
Application
N/A
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
EuroMax™Pluggable
Type
Euro Block
UPC
822348754977
Physical
Circuits (Loaded)
2
Color - Resin
Black
Entry Angle
180° Angle
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
49.878/g
Number of Rows
1
Orientation
Horizontal
PCB Retention
N/A
Panel Mount
No
Pitch - Mating Interface
12.00mm
Pitch - Termination Interface
12.00mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
130°C
Wire Size AWG
10, 12, 14, 3, 4, 6, 8
Electrical
Current - Maximum per Contact
85A
Voltage - Maximum
600V
Material Info
Old Part Number
424502
Reference - Drawing Numbers
Sales Drawing
SD-39422-001
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39422Series
Mates With
39426-0002 Horizontal PCB Header, with
Threaded Retention Inserts
This document was generated on 10/27/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39422-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39422-0002 MOLEX-39422-0002 Datasheet
307Kb / 2P
   12.00mm (.472?? Pitch EuroMax??High-Power Pluggable Terminal Blocks
More results

Similar Description - 39422-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0394220002 MOLEX5-0394220002 Datasheet
145Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, with Retention Screws, 2 Circuits
39422-0007 MOLEX11-39422-0007 Datasheet
38Kb / 1P
   12.00mm Pitch Beau EuroMax Horizontal Plug, with Retention Screws, 7 Circuits
39422-0003 MOLEX11-39422-0003 Datasheet
38Kb / 1P
   12.00mm Pitch Beau EuroMax Horizontal Plug, with Retention Screws, 3 Circuits
39422-0005 MOLEX11-39422-0005 Datasheet
38Kb / 1P
   12.00mm Pitch Beau EuroMax Horizontal Plug, with Retention Screws, 5 Circuits
39422-0008 MOLEX11-39422-0008 Datasheet
38Kb / 1P
   12.00mm Pitch Beau EuroMax Horizontal Plug, with Retention Screws, 8 Circuits
39422-0004 MOLEX11-39422-0004 Datasheet
38Kb / 1P
   12.00mm Pitch Beau EuroMax Horizontal Plug, with Retention Screws, 4 Circuits
39422-0006 MOLEX11-39422-0006 Datasheet
38Kb / 1P
   12.00mm Pitch Beau EuroMax Horizontal Plug, with Retention Screws, 6 Circuits
0394220003 MOLEX5-0394220003 Datasheet
145Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, with Retention Screws, 3 Circuits
0394220006 MOLEX5-0394220006 Datasheet
145Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, with Retention Screws, 6 Circuits
0394220007 MOLEX5-0394220007 Datasheet
145Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, with Retention Screws, 7 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com