Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMNIVS1000 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # OMNIVS1000
Description  OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNIVS1000 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  OMNIVS1000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNIVS1000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNIVS1000 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNIVS1000 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved OMNIVS1000 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1000VA/500 watt power handling ability supports a variety of sensitive electronic equipment
3.5 minutes full load runtime (1000VA/500 watts), 14 minutes half load runtime (500VA/250 watts)
Supports battery replacement via built-in access panel
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Short circuit protection in AC and battery mode
$200,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only)
This product is ENERGY STAR qualified for its ability to save customers money while helping to protect the environment
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1000
Output Watt Capacity (Watts)
500
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
UPS Output Receptacles
8 5-15R outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
6 UPS outlets, 2 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
3.5 min. (500w)
Half Load Runtime (min.)
14 min. (250w)
DC System Voltage (VDC)
12
2 / 5


Similar Part No. - OMNIVS1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNIVS1000 ETC2-OMNIVS1000 Datasheet
489Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1000LCD TRIPPLITE-OMNIVS1000LCD Datasheet
175Kb / 5P
   1000VA 560W Line-Interactive UPS - 8 NEMA 5-15R Outlets, AVR, 120V, 50/60 Hz, USB, LCD, Tower
OMNIVS1000TAA TRIPPLITE-OMNIVS1000TAA Datasheet
522Kb / 5P
   TAA-Compliant OmniVS 120V 1000VA 500W Line-Interactive UPS, Tower, USB port
OMNIVS1000 TRIPPLITE-OMNIVS1000_15 Datasheet
492Kb / 5P
   OmniVS 120V 1000VA 500W Line-Interactive UPS,Tower, USB port
More results

Similar Description - OMNIVS1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNIVS1000 ETC2-OMNIVS1000 Datasheet
489Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1000 TRIPPLITE-OMNIVS1000_15 Datasheet
492Kb / 5P
   OmniVS 120V 1000VA 500W Line-Interactive UPS,Tower, USB port
OMNIVS1000TAA TRIPPLITE-OMNIVS1000TAA Datasheet
522Kb / 5P
   TAA-Compliant OmniVS 120V 1000VA 500W Line-Interactive UPS, Tower, USB port
logo
List of Unclassifed Man...
OMNIVS1500 ETC2-OMNIVS1500 Datasheet
512Kb / 6P
   OmniVS Series 1500VA Line-Interactive Tower 120V UPS with USB port
OMNIVS800 ETC2-OMNIVS800 Datasheet
497Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1500 TRIPPLITE-OMNIVS1500_15 Datasheet
510Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Tower, USB port
OMNIVS800 TRIPPLITE-OMNIVS800_15 Datasheet
495Kb / 5P
   OmniVS 120V 800VA 475W Line-Interactive UPS,Tower, USB port
OMNIVSINT1000 TRIPPLITE-OMNIVSINT1000 Datasheet
491Kb / 4P
   OmniVS 230V 1000VA 500W Line-Interactive UPS,Tower, USB port, C13 Outlets
OMNIVS1500XL TRIPPLITE-OMNIVS1500XL_15 Datasheet
498Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port
logo
List of Unclassifed Man...
OMNIVSINT800 ETC2-OMNIVSINT800 Datasheet
495Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 230V UPS with USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com