Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39502-1003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39502-1003
Description  3.50mm Pitch Eurostyle Horizontal PCB Header, 3 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39502-1003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39502-1003 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39502-1003
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
3.50mm Pitch Eurostyle™ Horizontal PCB Header, 3 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39502
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350434768
Physical
Circuits (Loaded)
3
Entry Angle
N/A
Lock to Mating Part
None
Net Weight
10.063/g
Number of Rows
1
Orientation
Horizontal
PC Tail Length
3.50mm
PCB Thickness - Recommended
2.50mm
Panel Mount
No
Pitch - Mating Interface
3.50mm
Pitch - Termination Interface
3.50mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39502-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39502Series
Mates With
Most 3.50mm Pitch Industry Standard Plugs,
39500 Horizontal Plug, 39503 Vertical Plug
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39502-1003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39502-1002 MOLEX11-39502-1002 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 2 Circuits
39502-1004 MOLEX11-39502-1004 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 4 Circuits
39502-1005 MOLEX11-39502-1005 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 5 Circuits
39502-1006 MOLEX11-39502-1006 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 6 Circuits
39502-1007 MOLEX11-39502-1007 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 7 Circuits
More results

Similar Description - 39502-1003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395021003 MOLEX5-0395021003 Datasheet
161Kb / 4P
   3.50mm (.138") Pitch Eurostyle??Horizontal PCB Header, 3 Circuits
39502-1002 MOLEX11-39502-1002 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 2 Circuits
39502-1008 MOLEX11-39502-1008 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 8 Circuits
39502-1010 MOLEX11-39502-1010 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 10 Circuits
39502-1012 MOLEX11-39502-1012 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 12 Circuits
39502-1017 MOLEX11-39502-1017 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 16 Circuits
39502-1018 MOLEX11-39502-1018 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 18 Circuits
39502-1013 MOLEX11-39502-1013 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 13 Circuits
39502-1006 MOLEX11-39502-1006 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 6 Circuits
39502-1007 MOLEX11-39502-1007 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 7 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com