Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5320 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5320
Description  200 MBd Low-Cost SBCON Multimode Fiber Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5320 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-5320 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-5320 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-5320 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-5320 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-5320 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5320 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5320 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5320 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Transmitter Optical Characteristics
(TA = 0°C to 70°C, VCC = 4.75 V to 5.25 V)
Parameter
Symbol
Min.
Max.
Unit
Reference
Output Optical Power
PO BOL
–20.5
–15.0
dBm
Note 9
62.5 / 125 µm, NA = 0.275 Fiber
PO EOL
–21.5
avg.
Optical Extinction Ratio
8
dB
Note 22
Center Wavelength
lC
1280
1380
nm
Spectral Width - FWHM
∆l
175
nm
Note 11
Optical Rise Time
Tr
1.7
ns
Note 10, 12
Optical Fall Time
tf
1.7
ns
Note 10, 12
Output Optical Systematic
tSJ
0.8
ns
Note 13
Jitter
p-p
Receiver Optical and Electrical Characteristics
(TA = 0°C to 70°C, VCC = 4.75 V to 5.25 V)
Parameter
Symbol
Min.
Max.
Unit
Reference
Input Optical Power
PIN Min.
PIN Min. (C)
dBm avg.
Note 14
Minimum at Window Edge
(W)
+ 1.0 dB
Input Optical Power
PIN Min.
–29.0
dBm avg.
Note 15
Minimum at Eye Center
(C)
Input Optical Power Maximum
PIN Max.
–14.0
dBm avg.
Note 14
Operating Wavelength
l
1280
1380
nm
Systematic Jitter
SJ
1.0
ns p-p
Note 16
Eyewidth
tew
1.4
ns
Note 8
Status Flag - Asserted
PA
–44.5
–35.5
dBm avg.
Note 17
Status Flag - Deasserted
PD
–45
–36
dBm avg.
Note 17
Status Flag - Hysteresis
PA - PD
0.5
dB
Note 18
Status Flag Assert Time
tA
3
500
µs
Note 1
(off-to-on)
Signal Detect Deassert Time
tD
3
500
µs
Note 20
(off-to-on)


Similar Part No. - HFBR-5320

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5320Z AVAGO-HFBR-5320Z Datasheet
236Kb / 8P
   200 MBd RoHS Compliant SBCON Multimode Fiber Transceiver
More results

Similar Description - HFBR-5320

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5320Z AVAGO-HFBR-5320Z Datasheet
236Kb / 8P
   200 MBd RoHS Compliant SBCON Multimode Fiber Transceiver
HFBR-5764AP AVAGO-HFBR-5764AP Datasheet
266Kb / 14P
   Multimode Small Form Factor Pluggable Transceivers for 200 MBd SBCON
HFBR-5984LZ AVAGO-HFBR-5984LZ Datasheet
981Kb / 12P
   RoHS Compliant, 200 MBd Low-Cost SBCON Transceivers in 2 x 5 SFF Package Style
logo
Broadcom Corporation.
HFBR-5984LZ BOARDCOM-HFBR-5984LZ Datasheet
981Kb / 12P
   RoHS Compliant, 200 MBd Low-Cost SBCON Transceivers in 2 x 5 SFF Package Style
AFBR-5930Z BOARDCOM-AFBR-5930Z Datasheet
343Kb / 13P
   200 MBd SBCON Transceivers in 2 x 5 Package Style
logo
Infineon Technologies A...
V23809-F7-C10 INFINEON-V23809-F7-C10 Datasheet
128Kb / 5P
   Multimode 1300 nm LED Fibre Channel 266 MBd Transceiver
JULY 1999
logo
Agilent(Hewlett-Packard...
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
logo
Infineon Technologies A...
V23809-C8-C10 INFINEON-V23809-C8-C10 Datasheet
91Kb / 6P
   Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver
DECEMBER 1999
logo
OPTEK Technologies
OPF520 OPTEK-OPF520 Datasheet
231Kb / 3P
   5 MBd Fiber Optic Receiver
logo
Infineon Technologies A...
V23809-F7-T10 INFINEON-V23809-F7-T10 Datasheet
191Kb / 5P
   Multimode 1300 nm LED Fibre Channel 266 MBd 1x9 Transceiver with ST Connector
JULY 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com