Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOA0881-L55 Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # HOA0881-L55
Description  Transmissive Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HOA0881-L55 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  HOA0881-L55 Datasheet HTML 1Page - Honeywell Accelerometers HOA0881-L55 Datasheet HTML 2Page - Honeywell Accelerometers HOA0881-L55 Datasheet HTML 3Page - Honeywell Accelerometers HOA0881-L55 Datasheet HTML 4Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transmissive Sensor
HOA088X/089X
IRED Forward Bias Characteristics
gra_092.ds4
Forward voltage - V
0
10
20
30
40
50
60
70
80
90
100
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Pulsed
condition
T
A = 25 °C
T
A = 80 °C
T
A = -40 °C
Fig. 1
Non-Saturated Switching Time vs
Load Resistance
gra_093.ds4
Load resistance - Ohms
1
10
100
10
100
1000
10000
Fig. 2
Dark Current vs
Temperature
gra_301.cdr
Fig. 3
Collector Current vs
Ambient Temperature
gra_095.ds4
Free-air temperature - °C
0.0
0.6
1.2
-50
0.4
0.2
0.8
1.0
-25
0
25
50
100
75
Fig. 4
All Performance Curves Show Typical Values
PART NUMBER GUIDE
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
280


Similar Part No. - HOA0881-L55

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA0880-L51 HONEYWELL-ACC-HOA0880-L51 Datasheet
442Kb / 4P
   Phototransistor output
HOA0882-T55 HONEYWELL-ACC-HOA0882-T55 Datasheet
326Kb / 4P
   Transmissive Sensor
HOA088X HONEYWELL-ACC-HOA088X Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA088X HONEYWELL-ACC-HOA088X Datasheet
442Kb / 4P
   Phototransistor output
HOA088X HONEYWELL-ACC-HOA088X Datasheet
326Kb / 4P
   Transmissive Sensor
More results

Similar Description - HOA0881-L55

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA2862-002 HONEYWELL-ACC-HOA2862-002 Datasheet
383Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA1873 HONEYWELL-HOA1873 Datasheet
300Kb / 4P
   Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0882-T55 HONEYWELL-ACC-HOA0882-T55 Datasheet
326Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA086X HONEYWELL-HOA086X Datasheet
491Kb / 4P
   Transmissive Sensor
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1887 HONEYWELL-HOA1887 Datasheet
312Kb / 4P
   Transmissive Sensor
HOA1886 HONEYWELL-HOA1886 Datasheet
278Kb / 4P
   Transmissive Sensor
HOA1883 HONEYWELL-HOA1883 Datasheet
284Kb / 4P
   Transmissive Sensor
HOA1874 HONEYWELL-HOA1874 Datasheet
303Kb / 4P
   Transmissive Sensor
HOA1875 HONEYWELL-HOA1875 Datasheet
306Kb / 4P
   Transmissive Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com