Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2535GEY-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2535GEY-HF
Description  Fast Switching Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2535GEY-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2535GEY-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2535GEY-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2535GEY-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2535GEY-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2535GEY-HF_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2535GEY-HF_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2535GEY-HF_14 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP2535GEY-HF
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Capable of 1.8V Gate Drive
N-CH BVDSS
20V
▼ Lower Gate Charge
RDS(ON)
32mΩ
▼ Fast Switching Performance
ID
4.6A
▼ RoHS Compliant & Halogen-Free
P-CH BVDSS
-20V
RDS(ON)
80mΩ
Description
ID
-3.1A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
20
-20
V
VGS
Gate-Source Voltage
+8+8V
ID@TA=25℃
Continuous Drain Current
3
4.6
-3.1
A
ID@TA=70℃
Continuous Drain Current
3
3.7
-2.5
A
IDM
Pulsed Drain Current
1
12
-12
A
PD@TA=25℃
Total Power Dissipation
1.13
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
110
/W
Data and specifications subject to change without notice
201206281
Parameter
1
Thermal Data
Halogen-Free Product
AP2535 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The SOT-26 package is widely used for commercial surface mount
applications.
D1
S1
G1
S2
G2
D2
SOT-26
S1
G1
D1
S2
G2
D2


Similar Part No. - AP2535GEY-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2535GEY-HF A-POWER-AP2535GEY-HF_16 Datasheet
125Kb / 8P
   Fast Switching Performance
More results

Similar Description - AP2535GEY-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9408AGI A-POWER-AP9408AGI_14 Datasheet
158Kb / 5P
   Fast Switching Performance
AP90T03GI A-POWER-AP90T03GI_14 Datasheet
157Kb / 5P
   Fast Switching Performance
AP2344GN-HF A-POWER-AP2344GN-HF_14 Datasheet
55Kb / 4P
   Fast Switching Performance
AP4813GSM-HF A-POWER-AP4813GSM-HF_16 Datasheet
56Kb / 5P
   Fast Switching Performance
AP5521GM-HF A-POWER-AP5521GM-HF_16 Datasheet
90Kb / 8P
   Fast Switching Performance
AP4513GM-HF A-POWER-AP4513GM-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP4503GM-HF A-POWER-AP4503GM-HF_16 Datasheet
96Kb / 8P
   Fast Switching Performance
AP4506GEH-HF A-POWER-AP4506GEH-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP6942GMT-HF A-POWER-AP6942GMT-HF_16 Datasheet
94Kb / 8P
   Fast Switching Performance
AP4537GYT-HF A-POWER-AP4537GYT-HF_16 Datasheet
129Kb / 8P
   Fast Switching Performance
AP9412GI-HF A-POWER-AP9412GI-HF Datasheet
67Kb / 5P
   Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com