Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0147NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0147NL
Description  SMT POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0147NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0147NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
71
SPM2007 (11/07)
Inductance
DCR (m
Ω)
Inductance
100 Gauss
1 Amp DC
Part
9,10
@ Irated
Irated
ET
@ 0ADC
ET100
H1
Number
(µH)
(A )
TYP
MAX
(V-µsec)
(µH ±20%)
(V-µsec)
(Orsted)
P0144NL
9.4
3.80
27
31
15.2
10.4
2.65
11.95
P0145NL
13.3
3.13
40
46
18.8
14.6
3.13
14.12
P0146NL
23
2.43
65
75
24.3
25
4.10
18.46
P0147NL
50
1.65
121
139
37.0
56
6.15
27.69
P0148NL
75
1.35
181
208
44.3
83
7.47
33.67
P0149NL
90
1.23
246
283
49.2
100
8.19
36.93
P0150NL
137
0.99
387
445
59.4
152
10.12
45.61
P0151NL
200
0.81
585
673
71.3
220
12.17
54.85
P0152NL
305
0.65
845
972
85.8
331
14.94
67.34
P0153NL
439
0.53
1322
1520
99.6
472
17.83
80.37
SMT POWER INDUCTORS
Toroid - Bobcat Series
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C 11
1. The reference inductance at rated DC current is a typical value.
2. Temperature rise is 50°C in typical buck or boost circuits at 250kHz and
with the reference ET applied to the inductor.
3. Total loss in the inductor is 380mW for 50°C temperature rise above ambient.
4. To estimate temperature rise in a given application, determine copper and
core losses, divide by 380 and multiply by 50.
5. For the copper loss (mW), calculate IDC2 X RN.
6. For core loss (mW), using frequency (f in Hertz) and operating flux density
(B in Gauss), calculate 6.11 x 10-18 x B2.7 x f2.04.
7. For flux density (B in Gauss), calculate ET (V-µsec) for the application, divide
by ET100 from the table, and multiply by 100.
Mechanical
Schematic
.500 MAX
12,70
R
Suggested Pad Layout
2X .060
1,52
.400
10,16
4 SURFACES
.005/0,13
.215 MAX
5,46
.500 MAX
12,70
.390
9,91
.470
11,94
1
2
8. Limit the DC bias (H) to 46 orsteds. Calculate H by multiplying H1 from the table
by IDC of the application.
9. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part
number (i.e. P0144NL becomes P0144NLT). Pulse complies to industry standard
tape and reel specification EIA481.
10. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed parts
are not necessarily RoHS compliant, but are electrically and mechanically equivalent
to NL versions. If a part number does not have the "NL" suffix, but an RoHS
compliant version is required, please contact Pulse for availability.
11. The temperature of the component (ambient plus temperature rise) must be within
the stated operating temperature range.
Height: 5.5mm Max
Footprint: 12.7mm x 12.7mm Max
Current Rating: up to 3.8A
Inductance Range: 9.4µH to 439µH
NOTES:
TAPE & REEL LAYOUT
.220
5,59
.510
12,95
USER DIRECTION OF FEED
.945 ± .012
24,00 ± 0,30
.510
12,95
.630
16,00
Weight . . . . . . . . 1.5 grams
Tape & Reel . . . . . . 500/reel
Tube . . . . . . . . . . . . 40/tube
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25


Similar Part No. - P0147NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS
More results

Similar Description - P0147NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com