Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-65855NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-65855NL
Description  Surface Mount Common Mode Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65855NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-65855NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-65855NL Datasheet HTML 2Page - Pulse A Technitrol Company PE-65855NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
G002.P (12/12)
1
pulseelectronics.com
Surface Mount
Common Mode Chokes
Suited for LAN and Telecom Applications
Reduces radiated EMI emissions
Filters common mode noise for EMI reduction
Common mode attenuation from 100 kHz to 1 GHz
RoHS peak reflow solder temperature rating 245�C
PE-68624NL
Mechanical
Schematic
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C
Part
Number
No. of
Ports
Primary
Inductance
OCL
(
μH MIN)
DCR
(
Ω MAX)
100 KHz
1 MHz
10 MHz
30 MHz
50 MHz
100 MHz
300 MHz
500 MHz
1 GHz
PE-68624NL
1
47
11
27
40
44
42
36
26
17
-
0.40
PE-65855NL
1
4700
41
43
49
39
34
26
20
20
12
1.0
PE-65857NL
4
22.5
7
20
30
37
38
34
24
13
-
0.22
PE-68627NL
4
24
8
21
32
36
37
36
30
20
-
0.25
PE-65854NL
4
47
3
19
32
36
35
29
12
6
-
0.40
PE-67540NL
4
100
14
33
44
48
49
44
34
29
20
0.60
T8008NL
8
47
7
27
40
44
42
36
26
-
-
0.40
Notes:
1. For Tape & Reel packaging, add suffix “
T” to the end of the part number e.g. T8008NLT
2. MSL = Moisture Sensitivity Level a=1 b=2 c=3 d=4
Weight ....................0.17 grams
Tape & Reel ...............1500/reel
Tube ..............................85/tray
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25
Common Mode Attenuation
(dB TYP)
2a
2a
2a
2a
2a
2a
2a
PE-68624NL
16
34


Similar Part No. - PE-65855NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65855NL PULSE-PE-65855NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65855NL PULSE-PE-65855NL Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
PE-65855NL PULSE-PE-65855NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65855NL PULSE-PE-65855NL Datasheet
337Kb / 3P
   CHOKE,SGL,CM,2-W,SMT,4.7MH,NL
More results

Similar Description - PE-65855NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67 BITECH-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKES
logo
TT Electronics.
HM67 TTELEC-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com