Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7343-2UYC-S530-A3-P3 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 7343-2UYC-S530-A3-P3
Description  5.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7343-2UYC-S530-A3-P3 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  7343-2UYC-S530-A3-P3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7343-2UYC-S530-A3-P3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7343-2UYC-S530-A3-P3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7343-2UYC-S530-A3-P3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7343-2UYC-S530-A3-P3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7343-2UYC-S530-A3-P3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
20
mA
2.0
2.4
V
IR
VR=
5
V
10
μA
Iv
IF=
20
mA
1000
2000
mcd
2θ1/2
IF=
20
mA
15
deg
λp
IF=
20
mA
591
nm
λd
IF=
20
mA
589
nm
△λ
IF=
20
mA
15
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 3 of 6
Device Number :DLE-0000539
Prepared date:
Prepared by:
Li ming
7343-2UYC/S530-A3/P3
Condition
Parameter
Peak Wavelength
2008/12/11
Forward Voltage
Reverse Current
Luminous Intensity
Viewing Angle
Dominant Wavelength
Spectrum Radiation
Bandwidth


Similar Part No. - 7343-2UYC-S530-A3-P3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2UYC-S530-A3-P3 EVERLIGHT-7343-2UYC-S530-A3-P3 Datasheet
121Kb / 6P
   5.0mm Round Type LED Lamps
More results

Similar Description - 7343-2UYC-S530-A3-P3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2SYGD-S530-E3 EVERLIGHT-7343-2SYGD-S530-E3 Datasheet
118Kb / 6P
   5.0mm Round Type LED Lamps
1383SDRD-S530-A3 EVERLIGHT-1383SDRD-S530-A3 Datasheet
123Kb / 6P
   5.0mm Round Type LED Lamps
1383SURT-S530-A3 EVERLIGHT-1383SURT-S530-A3 Datasheet
105Kb / 6P
   5.0mm Round Type LED Lamps
333-2SURC-S530-A2 EVERLIGHT-333-2SURC-S530-A2 Datasheet
72Kb / 4P
   5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470 EVERLIGHT-383-2SUBC-C470 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470-S400 EVERLIGHT-383-2SUBC-C470-S400 Datasheet
123Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A5 EVERLIGHT-383-2SUGC-S400-A5 Datasheet
117Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A7 EVERLIGHT-383-2SUGC-S400-A7 Datasheet
94Kb / 6P
   5.0mm Round Type LED Lamps
383-2SURC-S530-A4 EVERLIGHT-383-2SURC-S530-A4 Datasheet
97Kb / 6P
   5.0mm Round Type LED Lamps
383-2USOC-S400-A7 EVERLIGHT-383-2USOC-S400-A7 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com