Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-A22-GT35H-P01-50K Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # EHP-A22-GT35H-P01-50K
Description  LM-80 Certified
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A22-GT35H-P01-50K Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button EHP-A22-GT35H-P01-50K Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-50K Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-50K Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-50K Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-50K Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-50K Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-50K Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-50K Datasheet HTML 10Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-50K Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LifecyclePhase:
Revision
: 7
Expired Period: Forever
Release Date:2013-08-28 13:15:43.0
DATASHEET
EHP- A22
1W/5S Series
7
Copyright © 2011, Everlight All Rights Reserved. Release Date: Aug.15.2013. Issue No: DHE-0001811
www.everlight.com
Product Binning
Luminous Flux Bins
Group
Bin
Min
Typ.
Max
1
1.5
----
3
2
3
----
4
3
4
----
5
4
5
----
6
E
5
6
----
8
1
8
----
10
2
10
----
13
3
13
----
17
4
17
----
20
F
5
20
----
23
1
23
----
27
2
27
----
33
3
33
----
39
4
39
----
45
J
5
45
----
52
1
52
----
60
2
60
----
70
31
70
----
75
32
75
----
80
33
80
----
85
41
85
----
90
42
90
----
95
43
95
----
100
51
100
----
110
52
110
----
120
K
53
120
----
130
Group
Bin
Min
Typ.
Max
11
130
----
140
12
140
----
150
13
150
----
160
21
160
----
180
22
180
----
200
31
200
----
225
32
225
----
250
41
250
----
275
42
275
----
300
51
300
----
350
N
52
350
----
400
1
400
----
500
2
500
----
600
3
600
----
750
4
750
----
1000
R
5
1000
----
1300


Similar Part No. - EHP-A22-GT35H-P01-50K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A22-GT35H-P01-57K EVERLIGHT-EHP-A22-GT35H-P01-57K Datasheet
895Kb / 29P
   LM-80 Certified
More results

Similar Description - EHP-A22-GT35H-P01-50K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045GA0 EVERLIGHT-EAHP3045GA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045OA0 EVERLIGHT-EAHP3045OA0 Datasheet
890Kb / 23P
   LM-80 Certified
EAHP3535BA0 EVERLIGHT-EAHP3535BA0 Datasheet
875Kb / 23P
   LM-80 Certified
EAHP1215WB9 EVERLIGHT-EAHP1215WB9 Datasheet
1Mb / 24P
   LM-80 Certified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com