Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-A22-GT35H-P01-57K Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # EHP-A22-GT35H-P01-57K
Description  LM-80 Certified
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A22-GT35H-P01-57K Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button EHP-A22-GT35H-P01-57K Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LifecyclePhase:
Revision
: 7
Expired Period: Forever
Release Date:2013-08-28 13:15:43.0
DATASHEET
EHP- A22
1W/5S Series
6
Copyright © 2011, Everlight All Rights Reserved. Release Date: Aug.15.2013. Issue No: DHE-0001811
www.everlight.com
PN of the A22 series: Cool-White LEDs
Order Code of A22
Min.
Luminous
Flux
(lm)
Typ.
Luminous
Flux
(lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
Forward
Current
(mA)
CRI
(Min.)
EHP-A22/GT35H-P01/65K/K53/TR
120
132
65K-1, 65K-2
65K-3, 65K-4
13.5-16.5
80
65
EHP-A22/GT35H-P01/57K/N11/TR
130
136
57K-1, 57K-2
57K-3, 57K-4
13.5-16.5
80
65
EHP-A22/GT35H-P01/57K/N12/TR
140
144
57K-1, 57K-2
57K-3, 57K-4
13.5-16.5
80
65
EHP-A22/GT35H-P01/50K/K53/TR
120
131
50K-1, 50K-2
50K-3, 50K-4
13.5-16.5
80
65
EHP-A22/KT35H-P01/57K/K53/TR
120
124
57K-1, 57K-2
57K-3, 57K-4
13.5-16.5
80
80
Order Code of A22
Min.
Luminous
Flux
(lm)
Typ.
Luminous
Flux
(lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
Forward
Current
(mA)
CRI
(Min.)
EHP-A22/GT35H-P01/65K/K53/TR
200
230
65K-1, 65K-2
65K-3, 65K-4
14.7-17.7
150
65
EHP-A22/GT35H-P01/57K/N11/TR
200
243
57K-1, 57K-2
57K-3, 57K-4
14.7-17.7
150
65
EHP-A22/GT35H-P01/57K/N12/TR
225
254
57K-1, 57K-2
57K-3, 57K-4
14.7-17.7
150
65
EHP-A22/GT35H-P01/50K/K53/TR
200
236
50K-1, 50K-2
50K-3, 50K-4
14.7-17.7
150
65
EHP-A22/KT35H-P01/57K/K53/TR
200
221
57K-1, 57K-2
57K-3, 57K-4
14.7-17.7
150
80
Notes:
1.
Luminous flux measurement tolerance: ±10%.
2.
The data of luminous flux measured at thermal pad=25°C
3.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet
4.
The CRI value is based on the Everlight testing instrument.
5.
CRI measurement
tolerance: ±2
6.
Luminous Flux are reference only at IF=150 mA operation.


Similar Part No. - EHP-A22-GT35H-P01-57K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A22-GT35H-P01-50K EVERLIGHT-EHP-A22-GT35H-P01-50K Datasheet
895Kb / 29P
   LM-80 Certified
More results

Similar Description - EHP-A22-GT35H-P01-57K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045GA0 EVERLIGHT-EAHP3045GA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045OA0 EVERLIGHT-EAHP3045OA0 Datasheet
890Kb / 23P
   LM-80 Certified
EAHP3535BA0 EVERLIGHT-EAHP3535BA0 Datasheet
875Kb / 23P
   LM-80 Certified
EAHP1215WB9 EVERLIGHT-EAHP1215WB9 Datasheet
1Mb / 24P
   LM-80 Certified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com