Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-A22-GT35H-P01-65K Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EHP-A22-GT35H-P01-65K
Description  LM-80 Certified
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A22-GT35H-P01-65K Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EHP-A22-GT35H-P01-65K Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-65K Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-65K Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-65K Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-65K Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-65K Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-65K Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-65K Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-65K Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LifecyclePhase:
Revision
: 7
Expired Period: Forever
Release Date:2013-08-28 13:15:43.0
1
Copyright © 2011, Everlight All Rights Reserved. Release Date: Aug.15.2013. Issue No: DHE-0001811
www.everlight.com
Features
Applications
 LM-80 Certified
 Multi-Chip PLCC Solution
 Moisture Sensitivity Level: 3
 Main Parameters: Luminous Flux,
Forward Voltage , Chromaticity and
Color Rendering Index
 RoHS compliant
 Typical viewing angle: 120°
 High Wattage Replacement Bulb
 Down Light
 Recessed Can Light
 Low/High Bay Light
Materials
Items
Description
Encapsulating Resin
Silicone resin
Electrodes
Ag plating copper alloy
Die attach
Silver paste
Chip
InGaN
A22
1W/5S Series


Similar Part No. - EHP-A22-GT35H-P01-65K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A22-GT35H-P01-50K EVERLIGHT-EHP-A22-GT35H-P01-50K Datasheet
895Kb / 29P
   LM-80 Certified
EHP-A22-GT35H-P01-57K EVERLIGHT-EHP-A22-GT35H-P01-57K Datasheet
895Kb / 29P
   LM-80 Certified
More results

Similar Description - EHP-A22-GT35H-P01-65K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045GA0 EVERLIGHT-EAHP3045GA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045OA0 EVERLIGHT-EAHP3045OA0 Datasheet
890Kb / 23P
   LM-80 Certified
EAHP3535BA0 EVERLIGHT-EAHP3535BA0 Datasheet
875Kb / 23P
   LM-80 Certified
EAHP1215WB9 EVERLIGHT-EAHP1215WB9 Datasheet
1Mb / 24P
   LM-80 Certified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com