Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-A22-KM01H-PU5-45K Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EHP-A22-KM01H-PU5-45K
Description  High Wattage Replacement Bulb
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A22-KM01H-PU5-45K Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EHP-A22-KM01H-PU5-45K Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A22-KM01H-PU5-45K Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A22-KM01H-PU5-45K Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A22-KM01H-PU5-45K Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A22-KM01H-PU5-45K Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A22-KM01H-PU5-45K Datasheet HTML 10Page - Everlight Electronics Co., Ltd EHP-A22-KM01H-PU5-45K Datasheet HTML 11Page - Everlight Electronics Co., Ltd EHP-A22-KM01H-PU5-45K Datasheet HTML 12Page - Everlight Electronics Co., Ltd EHP-A22-KM01H-PU5-45K Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2013-04-18 17:51:12.0
DATASHEET
EHP- A22
0.5 W Series
9
Copyright © 2011, Everlight All Rights Reserved. Release Date: 04.15.2013. Issue No: DHE-0001807
www.everlight.com
Warm-White Bin Coordinates
2700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.469
0.429
0.456
0.426
0.459
0.410
0.447
0.408
0.470
0.413
0.459
0.410
27K-1
0.481
0.432
27K-2
0.469
0.429
Reference Range: 2580~2700K
Reference Range: 2700~2870K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.459
0.410
0.447
0.408
0.448
0.392
0.437
0.389
0.459
0.394
0.448
0.392
27K-4
0.470
0.413
27K-3
0.459
0.410
Reference Range: 2580~2700K
Reference Range: 2700~2870K
3000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.443
0.421
0.430
0.417
0.435
0.403
0.422
0.399
0.447
0.408
0.435
0.403
30K-1
0.456
0.426
30K-2
0.443
0.421
Reference Range: 2870~3000K
Reference Range: 3000~3220K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.435
0.403
0.422
0.399
0.426
0.385
0.415
0.381
0.437
0.389
0.426
0.385
30K-4
0.447
0.408
30K-3
0.435
0.403
Reference Range: 2870~3000K
Reference Range: 3000~3220K
3500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.415
0.409
0.400
0.402
0.408
0.392
0.394
0.385
0.422
0.399
0.408
0.392
35K-1
0.430
0.417
35K-2
0.415
0.409
Reference Range: 3220~3500K
Reference Range: 3500~3710K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.408
0.392
0.394
0.385
0.402
0.375
0.389
0.369
0.415
0.381
0.402
0.375
35K-4
0.422
0.399
35K-3
0.408
0.392
Reference Range: 3220~3500K
Reference Range: 3500~3710K


Similar Part No. - EHP-A22-KM01H-PU5-45K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A22-KM01H-PU5-40K EVERLIGHT-EHP-A22-KM01H-PU5-40K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
More results

Similar Description - EHP-A22-KM01H-PU5-45K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A22-KM01H-PU5-35K EVERLIGHT-EHP-A22-KM01H-PU5-35K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-GT01H EVERLIGHT-EHP-A22-GT01H Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-27K EVERLIGHT-EHP-A22-KM01H-PU5-27K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-30K EVERLIGHT-EHP-A22-KM01H-PU5-30K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-40K EVERLIGHT-EHP-A22-KM01H-PU5-40K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
logo
Marl International Limi...
208-501-20-38 MARL-208-501-20-38 Datasheet
216Kb / 2P
   BULB REPLACEMENT LED
206-501-20-38 MARL-206-501-20-38_15 Datasheet
216Kb / 2P
   BULB REPLACEMENT LED
209-501-20-38 MARL-209-501-20-38_15 Datasheet
219Kb / 2P
   BULB REPLACEMENT LED
205-501-20-38 MARL-205-501-20-38_15 Datasheet
232Kb / 2P
   BULB REPLACEMENT LED
204-501-20-38 MARL-204-501-20-38 Datasheet
222Kb / 2P
   BULB REPLACEMENT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com