Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSDR127 Datasheet(PDF) 1 Page - Allied Components International

Part # PCSDR127
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSDR127 Datasheet(HTML) 1 Page - Allied Components International

  PCSDR127 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCSDR127
15
Features
• Magnetically Shielded
• Expanded operating temp range
• Low DC Resistance
• High Energy Storage
Electrical
Test Equipment
Physical
Packaging:
500 pieces per 13 inch reel.
DCR
(Ω)
I sat
Allied
Part
Number
Inductance
(
µh)
T
olerance
(%)
T
est
Freq.
PCSDR127-1R0T-RC
PCSDR127-2R2T-RC
PCSDR127-2R7T-RC
PCSDR127-3R9T-RC
PCSDR127-4R7T-RC
PCSDR127-6R8T-RC
PCSDR127-100M-RC
PCSDR127-120M-RC
PCSDR127-150M-RC
PCSDR127-180M-RC
PCSDR127-220M-RC
PCSDR127-270M-RC
PCSDR127-330M-RC
PCSDR127-390M-RC
1.0
2.2
2.7
3.9
4.7
6.8
10
12
15
18
22
27
33
39
30
30
30
30
30
30
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.0031
0.0048
0.0068
0.0108
0.0110
0.0139
0.0206
0.0241
0.0296
0.0437
0.0469
0.0580
0.0720
0.0764
40.000
25.450
21.540
18.670
16.470
13.330
11.200
10.370
9.660
8.480
7.570
6.830
6.220
5.710
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCSDR127-5R6T-RC
5.6
30
100
0.0134
14.740
PCSDR127-8R2M-RC
8.2
20
100
0.0188
12.170
(A)
PCSDR127-560M-RC
PCSDR127-680M-RC
PCSDR127-820M-RC
PCSDR127-101M-RC
56
68
82
100
20
20
20
20
100
100
100
100
0.0945
0.1260
0.1716
0.1956
4.910
4.440
3.940
3.640
PCSDR127-470M-RC
47
20
100
0.0863
5.280
PCSDR127-121M-RC
PCSDR127-151M-RC
120
150
20
20
100
100
0.2334
0.2964
3.290
2.950
PCSDR127-221M-RC
PCSDR127-271M-RC
220
270
20
20
100
100
0.4512
0.5080
2.430
2.200
PCSDR127-181M-RC
180
20
100
0.3288
2.720
PCSDR127-331M-RC
330
20
100
0.6888
1.990
• High saturation current
Inductance Range:
.47µh to 1200µh
Tolerance:
.47µh~6.8µh 30%,
Test Frequency:
1KHz, 0.25V
Operating Temp:
-55ºC ~ +125ºC
Irms:
Current at which the
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC
Immersion time:
10 sec. +/- 1 sec.
(L):
HP 4284A LCR meter or equivalent
(RDC):
HP 4338B Millohm meter or equivalent
(IDC):
3260B WK & DC Bias 3265B WK
Marking:
EIA Inductance Code.
REVISED 6/4/09
Dimensions:
Inches
(mm)
KHz, 0.25V
All specifications subject to change without notice.
Available in tighter tolerances
I rms
(A)
PCSDR127-391M-RC
390
20
100
0.8890
1.830
PCSDR127-471M-RC
470
20
100
1.0332
1.680
PCSDR127-561M-RC
560
20
100
1.1320
1.530
PCSDR127-681M-RC
680
20
100
1.2960
1.390
PCSDR127-821M-RC
820
20
100
1.7640
1.270
PCSDR127-102M-RC
1000
20
100
1.9920
1.140
PCSDR127-122M-RC
1200
20
100
2.6100
1.050
PCSDR127-1R5T-RC
1.5
30
100
0.0041
31.110
15.469
13.533
12.464
10.495
8.330
8.253
7.535
7.337
6.307
6.026
5.574
5.028
4.142
3.997
3.596
3.226
3.131
2.947
2.815
2.439
2.090
1.957
1.832
1.590
1.510
1.289
1.214
1.043
0.918
0.852
0.814
0.760
0.652
0.613
0.536
• Low Energy Loss
• Suitable for pick and place
8.2µh~1200µh 20%
∆ T=40ºC
Isat:
Current at which the inductance
drops 35% from initial value
PCSDR127-R47T-RC
0.47
30
100
0.0023
56.000
17.896
0.485
12.3
0.485
12.3
0.315
8.0
0.197
5.0
0.299
7.6


Similar Part No. - PCSDR127

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSDR127-100M-RC ALLIED-PCSDR127-100M-RC Datasheet
379Kb / 1P
   Power Chip Shielded Inductors
PCSDR127-101M-RC ALLIED-PCSDR127-101M-RC Datasheet
379Kb / 1P
   Power Chip Shielded Inductors
PCSDR127-102M-RC ALLIED-PCSDR127-102M-RC Datasheet
379Kb / 1P
   Power Chip Shielded Inductors
PCSDR127-120M-RC ALLIED-PCSDR127-120M-RC Datasheet
379Kb / 1P
   Power Chip Shielded Inductors
PCSDR127-121M-RC ALLIED-PCSDR127-121M-RC Datasheet
379Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCSDR127

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com